Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

688 Datasheet (PDF) - Microsemi Corporation

688 Datasheet PDF - Microsemi Corporation
Part # 688
Download  688 Download
File Size   69.64 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS ASSEMBLIES

688 Datasheet (PDF)

Go To PDF Page Download Datasheet
688 Datasheet PDF - Microsemi Corporation

Part # 688
Download  688 Click to download

File Size   69.64 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS ASSEMBLIES

688 Datasheet (HTML) - Microsemi Corporation


688 Product details

High Voltage Stacks

● Current rating to 0.6A
● VRRM 10kV to 25kV
● Only fused-in-glass diodes used
● 150°C junction temperature
● Surge ratings to 20A
● Controlled avalanche characteristics
● MIL-PRF-19500 Similarity
● Sn/Pb terminations




Similar Part No. - 688

ManufacturerPart #DatasheetDescription
logo
Littelfuse
688 LITTELFUSE-688 Datasheet
685Kb / 3P
688 Series Lead-Free, 6x25mm Fuse
logo
Belden Inc.
688 BELDEN-688 Datasheet
493Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
TT Electronics.
688 TTELEC-688 Datasheet
167Kb / 4P
Nichrome Resistor Networks on Ceramic Substrates
10.13
logo
Microsemi Corporation
688-10 MICROSEMI-688-10 Datasheet
136Kb / 2P
High Voltage Stacks
688-10R MICROSEMI-688-10R Datasheet
136Kb / 2P
High Voltage Stacks
More results


Similar Description - 688

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N5597 MICROSEMI-1N5597 Datasheet
111Kb / 3P
RECTIFIERS ASSEMBLIES
673 MICROSEMI-673 Datasheet
79Kb / 2P
RECTIFIERS ASSEMBLIES
678 MICROSEMI-678 Datasheet
118Kb / 3P
RECTIFIERS ASSEMBLIES
679 MICROSEMI-679 Datasheet
129Kb / 3P
RECTIFIERS ASSEMBLIES
681 MICROSEMI-681 Datasheet
71Kb / 2P
RECTIFIERS ASSEMBLIES
804 MICROSEMI-804 Datasheet
82Kb / 2P
RECTIFIERS ASSEMBLIES
JAN469-1 MICROSEMI-JAN469-1 Datasheet
95Kb / 2P
RECTIFIERS ASSEMBLIES SINGLE PHASE BRIDGES, 10 AMP, Military Approved
JANTX483-1 MICROSEMI-JANTX483-1 Datasheet
81Kb / 2P
RECTIFIERS ASSEMBLIES THREE PHASE BRIDGES, 25 AMP, MILITARY APPROVED
UFB MICROSEMI-UFB Datasheet
136Kb / 3P
RECTIFIERS ASSEMBLIES
US12 MICROSEMI-US12 Datasheet
153Kb / 4P
RECTIFIERS ASSEMBLIES
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com