Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP-4147UB Datasheet (PDF) - ON Semiconductor

TCP-4147UB Datasheet PDF - ON Semiconductor
Part # TCP-4147UB
Download  TCP-4147UB Download
File Size   292.36 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4.7 pF Passive Tunable Integrated Circuits (PTIC)

TCP-4147UB Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP-4147UB Datasheet PDF - ON Semiconductor

Part # TCP-4147UB
Download  TCP-4147UB Click to download

File Size   292.36 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 4.7 pF Passive Tunable Integrated Circuits (PTIC)

TCP-4147UB Datasheet (HTML) - ON Semiconductor




Similar Part No. - TCP-4147UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-4112UB ONSEMI-TCP-4112UB Datasheet
231Kb / 7P
Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4112UB-DT ONSEMI-TCP-4112UB-DT Datasheet
231Kb / 7P
Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4118UB ONSEMI-TCP-4118UB Datasheet
223Kb / 7P
Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4118UB-DT ONSEMI-TCP-4118UB-DT Datasheet
223Kb / 7P
Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4127UA ONSEMI-TCP-4127UA Datasheet
255Kb / 7P
High-Linearity 2.7 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
More results


Similar Description - TCP-4147UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3012H ONSEMI-TCP-3012H Datasheet
371Kb / 9P
1.2 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-3027H ONSEMI-TCP-3027H Datasheet
371Kb / 9P
2.7 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-3033H ONSEMI-TCP-3033H Datasheet
346Kb / 9P
3.3 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P1
TCP-3047H ONSEMI-TCP-3047H Datasheet
397Kb / 9P
4.7 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-3047N ONSEMI-TCP-3047N Datasheet
200Kb / 7P
4.7 pF Passive Tunable Integrated Circuits (PTIC)
October, 2014 ??Rev. 0
TCP-3147H ONSEMI-TCP-3147H Datasheet
260Kb / 7P
4.7 pF Passive Tunable Integrated Circuits (PTIC)
July, 2015 ??Rev. 2
TCP-5047UB ONSEMI-TCP-5047UB Datasheet
229Kb / 7P
4.7 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-5018UB ONSEMI-TCP-5018UB Datasheet
209Kb / 7P
1.8 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. 0
TCP-5027UB ONSEMI-TCP-5027UB Datasheet
243Kb / 7P
2.7 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
TCP-5082UB ONSEMI-TCP-5082UB Datasheet
231Kb / 7P
8.2 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com