Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD118 Datasheet (PDF) - Microsemi Corporation

AD118 Datasheet PDF - Microsemi Corporation
Part # AD118
Download  AD118 Download
File Size   127.6 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCRs 1.5 Amp, Planar

AD118 Datasheet (PDF)

Go To PDF Page Download Datasheet
AD118 Datasheet PDF - Microsemi Corporation

Part # AD118
Download  AD118 Click to download

File Size   127.6 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCRs 1.5 Amp, Planar

AD118 Datasheet (HTML) - Microsemi Corporation


AD118 Product details

DESCRIPTION
This data sheet description Microsemis AD Series 1.6A SCRs designed for medium current control and sensing applications. Units are available in a complete range of blocking voltage from 60 to 400 volts.

The AD100 series offers a maximum gate trigger current of 2.0 microamps making it the most sensitive device of its type. The AD107 series has a maximum IGT of 20μA while this parameter is specified at 200μA for the AD114 series.




Similar Part No. - AD118

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
AD118 NJSEMI-AD118 Datasheet
156Kb / 2P
1.6 Amp, Planar
More results


Similar Description - AD118

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
AA100 MICROSEMI-AA100 Datasheet
128Kb / 3P
SCRs .5 A, Planar
ID100 MICROSEMI-ID100 Datasheet
121Kb / 3P
SCRs .5 Amp, Planar
logo
List of Unclassifed Man...
2N3027 ETC2-2N3027 Datasheet
248Kb / 6P
SCRs 0.5 Amp, Planar
logo
New Jersey Semi-Conduct...
2N1881 NJSEMI-2N1881 Datasheet
152Kb / 1P
SCRs 1 Amp, Planar
2N5719 NJSEMI-2N5719 Datasheet
185Kb / 2P
SCRS 5AMP, PLANAR
logo
Littelfuse
S8X8TSRP LITTELFUSE-S8X8TSRP Datasheet
1Mb / 9P
Teccor brand Thyristors EV Series 1.5 Amp Sensitive SCRs
S8055MTP LITTELFUSE-S8055MTP Datasheet
865Kb / 9P
55 Amp Standard SCRs
logo
New Jersey Semi-Conduct...
AA100 NJSEMI-AA100 Datasheet
145Kb / 2P
SCRs .5A, Planar
logo
Littelfuse
S802ECS LITTELFUSE-S802ECS Datasheet
1Mb / 6P
EV Series 1.5 Amp Sensitive SCRs
Revised: 09/04/19
logo
Microsemi Corporation
2N5724 MICROSEMI-2N5724 Datasheet
157Kb / 4P
SCRs 1.6 Amp, Planar
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com