Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1N6302A Datasheet (PDF) - Microsemi Corporation

1N6302A Datasheet PDF - Microsemi Corporation
Part # 1N6302A
Download  1N6302A Download
File Size   252.34 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT ABSORPTION ZENER

1N6302A Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6302A Datasheet PDF - Microsemi Corporation

Part # 1N6302A
Download  1N6302A Click to download

File Size   252.34 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT ABSORPTION ZENER

1N6302A Datasheet (HTML) - Microsemi Corporation


1N6302A Product details

DESCRIPTION
The Transient Voltage Suppressor (TVS) series for 1N5908 & 1N6267-1N6303A are JEDEC registered selections for unidirectional devices. The popular series of 1.5KE6.8-1.5KE400CA offers similar voltages with an extended voltage range and also provides bidirectional options with a C or CA suffix. All have the same high Peak Pulse Power rating of 1500 W and extremely fast response time. They can protect from secondary lightning effects per IEC61000-4-5 and class levels described herein as well as inductive switching environments and induced RF protection. Since their response time is virtually instantaneous, they can also protect from ESD and EFT per IEC61000-4-2 and IEC61000-4-4.

FEATURES
• Economical TVS series for thru-hole mounting
• Available in both Unidirectional and Bidirectional (1.5KE series add C or CA suffix for Bidirectional)
• Voltages from 6.8 to 400 V Breakdown (VBR)
• Suppresses transients up to 1500 watts @ 10/1000 µs
• Optional 100% screening for avionics grade is available by adding MA prefix to part number for added 100% temperature cycle -55oC to +125oC (10X) as well as surge (3X) and 24 hours HTRB with post test VZ & IR (in the operating direction for unidirectional or both directions for bidirectional)
• Options for screening in accordance with MIL-PRF-19500 for JANTX are also available by adding MX prefix to the part number.
• Surface mount equivalent packages are available as SMCJ5.0 - SMCJ170CA or SMCG5.0 - SMCG170CA (consult factory for other surface mount options)
• Moisture classification is Level 1 with no dry pack required per IPC/JEDEC J-STD-020B
• RoHS Compliant devices available by adding “e3” suffix

APPLICATIONS / BENEFITS
• Protection from switching transients and induced RF
• Protection from ESD and EFT per IEC 61000-4-2 and IEC 61000-4-4 with fast response
• Secondary lightning protection per IEC61000-4-5 with 42 Ohms source impedance:
   Class 1: 1.5KE6.8A to 1.5KE200A or CA *
   Class 2: 1.5KE5.0A to 1.5KE180A or CA *
   Class 3: 1.5KE5.0A to 1.5KE91A or CA *
   Class 4: 1.5KE5.0A to 1.5KE43A or CA *
• Secondary lightning protection per IEC61000-4-5 with 12 Ohms source impedance:
   Class 1 : 1.5KE5.0A to 1.5KE110A or CA *
   Class 2: 1.5KE5.0A to 1.5KE56A or CA *
   Class 3: 1.5KE5.0A to 1.5KE27A or CA *
   Class 4: 1.5KE5.0A to 1.5KE13A or CA *
• Secondary lightning protection per IEC61000-4-5 with 2 Ohms source impedance:
   Class 2: 1.5KE5.0A to 1.5KE24A or CA *
   Class 3: 1.5KE5.0 to 1.5KE12A or CA *
* Also applies to 1N5908 and 1Nxxxx of same voltage




Similar Part No. - 1N6302A

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
1N6302A TRSYS-1N6302A Datasheet
251Kb / 5P
GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Dc Components
1N6302A DCCOM-1N6302A Datasheet
740Kb / 4P
TECHNICAL SPECIFICATIONS OF TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
1N6302A EIC-1N6302A Datasheet
27Kb / 4P
TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
1N6302A VISHAY-1N6302A Datasheet
113Kb / 6P
TRANSZORB Transient Voltage Suppressors
30-Oct-02
logo
Taiwan Semiconductor Co...
1N6302A TSC-1N6302A Datasheet
110Kb / 3P
Transient Voltage Suppressor Diodes
More results


Similar Description - 1N6302A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15KP17 MICROSEMI-15KP17 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
1N5629 MICROSEMI-1N5629 Datasheet
115Kb / 2P
TRANSIENT ABSORPTION ZENER
1N5907 MICROSEMI-1N5907 Datasheet
78Kb / 2P
TRANSIENT ABSORPTION ZENER
1N6356 MICROSEMI-1N6356 Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
5KP50 MICROSEMI-5KP50 Datasheet
84Kb / 2P
TRANSIENT ABSORPTION ZENER
ICT-5 MICROSEMI-ICT-5 Datasheet
71Kb / 2P
TRANSIENT ABSORPTION ZENER
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
TRANSIENT ABSORPTION ZENER
LC65 MICROSEMI-LC65 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LCE65 MICROSEMI-LCE65 Datasheet
85Kb / 2P
TRANSIENT ABSORPTION ZENER
LDTS14 MICROSEMI-LDTS14 Datasheet
68Kb / 2P
TRANSIENT ABSORPTION ZENER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com