Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

D16-4148 Datasheet (PDF) - Microsemi Corporation

D16-4148 Datasheet PDF - Microsemi Corporation
Part # D16-4148
Download  D16-4148 Download
File Size   67.16 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Switching Diode Array

D16-4148 Datasheet (PDF)

Go To PDF Page Download Datasheet
D16-4148 Datasheet PDF - Microsemi Corporation

Part # D16-4148
Download  D16-4148 Click to download

File Size   67.16 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Switching Diode Array

D16-4148 Datasheet (HTML) - Microsemi Corporation


D16-4148 Product details

FEATURES
• 8 Diode Array
• Standard 16 pin Dual-In-Line Package
• UL 94V-0 Flammability Classification

MECHANICAL
• Molded 16 Pin Dip
• Weight: 1.026 grams (approximate)
• Marking: Logo, device number, date code
• Pin #1 defined by DOT on top of package




Similar Part No. - D16-4148

ManufacturerPart #DatasheetDescription
logo
WM Berg Inc.
D16-10 WMBERG-D16-10 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D16-11 WMBERG-D16-11 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D16-12 WMBERG-D16-12 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D16-13 WMBERG-D16-13 Datasheet
90Kb / 1P
DOWEL SOFT PINS
D16-14 WMBERG-D16-14 Datasheet
90Kb / 1P
DOWEL SOFT PINS
More results


Similar Description - D16-4148

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104 Datasheet
50Kb / 1P
Switching Diode Array
MMAD1104 MICROSEMI-MMAD1104 Datasheet
86Kb / 1P
Switching Diode Array
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
Switching Diode Array
MMAD1108 MICROSEMI-MMAD1108 Datasheet
77Kb / 1P
Switching Diode Array
S24-4148CC MICROSEMI-S24-4148CC Datasheet
67Kb / 1P
Switching Diode Array
logo
List of Unclassifed Man...
ADA1108P ETC-ADA1108P Datasheet
581Kb / 1P
Switching Diode Array
logo
Chenmko Enterprise Co. ...
MMBD4448FPT CHENMKO-MMBD4448FPT Datasheet
111Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448HTWPT CHENMKO-MMBD4448HTWPT Datasheet
103Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448TPT CHENMKO-MMBD4448TPT Datasheet
128Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448VPT CHENMKO-MMBD4448VPT Datasheet
110Kb / 2P
SWITCHING DIODE ARRAY
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com