Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS8121YT5 Datasheet (PDF) - ON Semiconductor

CS8121YT5 Datasheet PDF - ON Semiconductor
Part # CS8121YT5
Download  CS8121YT5 Download
File Size   102.2 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V, 1A Linear Regulator

CS8121YT5 Datasheet (PDF)

Go To PDF Page Download Datasheet
CS8121YT5 Datasheet PDF - ON Semiconductor

Part # CS8121YT5
Download  CS8121YT5 Click to download

File Size   102.2 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 5V, 1A Linear Regulator

CS8121YT5 Datasheet (HTML) - ON Semiconductor


CS8121YT5 Product details

Description
The CS8121 is a 5V, 1A precision linear regulator with two microprocessor compatible control functions and protection circuitry included on chip. The composite NPN-PNP output pass transistor assures a lower dropout voltage (1.2V @ 1A) without requiring excessive supply current (4mA).

Features
■ 5V ± 4% Output Voltage
■ Low Dropout Voltage (1.2V @ 1A)
■ Low Quiescent Current (4mA @ IOUT = 1A)
■ µP Compatible Control Functions
    ENABLE
    RESET
■ Low Current Sleep Mode IQ = 250µA
■ Fault Protection Thermal Shutdown Short Circuit 60V Peak Transient Voltage




Similar Part No. - CS8121YT5

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS8121YT5 CHERRY-CS8121YT5 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
More results


Similar Description - CS8121YT5

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE961 NTE-NTE961 Datasheet
23Kb / 2P
Linear Integrated Circuit Voltage Regulator, Negative, 5V, 1A
logo
Cherry Semiconductor Co...
CS5201-1 CHERRY-CS5201-1 Datasheet
171Kb / 7P
1A Adjustable Linear Regulator
Rev. 2/16/98
CS8121 CHERRY-CS8121 Datasheet
205Kb / 8P
5V, 1A Linear Regulator with and ENABLE RESET
Rev. 5/4/99
logo
List of Unclassifed Man...
AME7805 ETC1-AME7805 Datasheet
150Kb / 14P
1A Positive Linear Regulator
logo
ACE Technology Co., LTD...
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
1A Bipolar Linear Regulator
VER 1.3
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
1A Bipolar Linear Regulator
VER 1.2
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
1A Bipolar Linear Regulator
2014/12/23
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
1A Bipolar Linear Regulator
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com