Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ENA0145 Datasheet (PDF) - ON Semiconductor

ENA0145 Datasheet PDF - ON Semiconductor
Part # ENA0145
Download  ENA0145 Download
File Size   408.4 Kbytes
Page   34 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin

ENA0145 Datasheet (PDF)

Go To PDF Page Download Datasheet
ENA0145 Datasheet PDF - ON Semiconductor

Part # ENA0145
Download  ENA0145 Click to download

File Size   408.4 Kbytes
Page   34 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin

ENA0145 Datasheet (HTML) - ON Semiconductor


ENA0145 Product details

Overview
The LC87F6AC8A is an 8-bit microcontroller that, centered around a CPU running at a minimum bus cycle time of 83.3
ns, integrates on a single chip a number of hardware features such as 128K-byte flash ROM (onboard programmable),
4096-byte RAM, on-chip debugging function, a vacuum fluorescent display (VFD) automatic display controller/driver,
a 16-bit timer/counter (may be divided into 8-bit timers), a 16-bit timer/counter (may be divided into 8-bit timer/counter
or 8-bit PWMs), four 8-bit timers with a prescaler, a 16-bit timer with a prescaler (may be divided into 8-bit timers), a
base timer used as a time-of-day clock, a high-speed clock counter, a system clock frequency divider, two synchronous
SIO* with automatic transfer capability, an asynchronous/synchronous SIO, two channels of 12-bit PWM modules*, an
8-bit 15-channel AD converter, a small signal detector, and a 27-source 10-vector interrupt feature*.
(* can be supported with the LC876A00 or LC876B00 series by selecting “User Options.”)

Features
„Flash ROM
• Capable of onboard programming with a single 5V power supply
• On-chip debugging function
• Block erasable in 128-byte units
• 131072 × 8 bits
„RAM
• 4096 × 9 bits
„Minimum bus cycle time
• 83.3s (at 12 MHz) VDD = 2.8 to 5.5[V]
• 250ns (at 4 MHz) VDD = 2.5 to 5.5[V]
Note: The bus cycle time refers to the ROM read speed.
„Minimum instruction cycle time (Tcyc)
• 249.9ns (at 12 MHz) VDD = 2.8 to 5.5[V]
• 750ns (at 4 MHz) VDD = 2.5 to 5.5[V]
„Package form
• QIP100E (lead/Halogen free type)




Similar Part No. - ENA0145

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA0143 ONSEMI-ENA0143 Datasheet
185Kb / 28P
8-bit 1-chip Microcontroller
May, 2013 Ver.1.04
More results


Similar Description - ENA0145

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F67C8A SANYO-LC87F67C8A Datasheet
553Kb / 26P
CMOS LSI FROM 128KBITE RAM 4096 BYTE
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5NC8A SANYO-LC87F5NC8A Datasheet
178Kb / 25P
CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5R96B SANYO-LC87F5R96B Datasheet
163Kb / 22P
CMOS ICFROM 98K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC877648B SANYO-LC877648B Datasheet
183Kb / 25P
CMOS IC Internal 96K/80K/64K/48K-byte ROM 4096-byte RAM 8-bit 1-chip Microcontroller
LC87F5JC8A SANYO-LC87F5JC8A Datasheet
156Kb / 25P
FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F5WC8A SANYO-LC87F5WC8A Datasheet
161Kb / 27P
FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F7CC8A SANYO-LC87F7CC8A Datasheet
157Kb / 21P
FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875CC8A SANYO-LC875CC8A Datasheet
238Kb / 29P
ROM 128K/112K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC875J96B SANYO-LC875J96B Datasheet
148Kb / 23P
ROM 96K/80K/72K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com