Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CF5705BC Datasheet (PDF) - Nippon Precision Circuits Inc

CF5705BC Datasheet PDF - Nippon Precision Circuits Inc
Part # CF5705BC
Download  CF5705BC Download
File Size   60.0 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Analog Watch Stepping Motor Driver

CF5705BC Datasheet (PDF)

Go To PDF Page Download Datasheet
CF5705BC Datasheet PDF - Nippon Precision Circuits Inc

Part # CF5705BC
Download  CF5705BC Click to download

File Size   60.0 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Analog Watch Stepping Motor Driver

CF5705BC Datasheet (HTML) - Nippon Precision Circuits Inc


CF5705BC Product details

OVERVIEW
The CF5705 series is a low-current analog watch stepping motor driver CMOS IC with built-in 32.768 kHz crystal oscillator circuit.

FEATURES
■ 32.768 kHz crystal oscillator circuit CG and CD built-in
■ −3.6 to −1.2 V operating supply voltage range
■ Operating current consumption
    • VSS = –1.55V, CD = 16pF: 250 nA (max)
    • VSS = –2.8V, CD = 26pF: 1000 nA (max)
    Note: Current consumption depends on the built-in capacitor.
■ Reset function
    4 Hz and subsequent frequency dividers are reset




Similar Part No. - CF5705BC

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF5707CG NPC-CF5707CG Datasheet
70Kb / 7P
Analog Watch Stepping Motor Driver
More results


Similar Description - CF5705BC

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
Stepping motor driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
Stepping Motor Driver
logo
Rohm
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
Stepping Motor Driver
logo
Nippon Precision Circui...
CF5707CG NPC-CF5707CG Datasheet
70Kb / 7P
Analog Watch Stepping Motor Driver
logo
Rohm
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
Stepping motor driver
logo
ON Semiconductor
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
Stepping Motor Driver
June, 2013
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
Stepping Motor Driver
June, 2013
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
Stepping Motor Driver
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com