Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX1431 Datasheet (PDF) - Microsemi Corporation

LX1431 Datasheet PDF - Microsemi Corporation
Part # LX1431
Download  LX1431 Download
File Size   163.33 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PROGRAMMABLE REFERENCE

LX1431 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX1431 Datasheet PDF - Microsemi Corporation

Part # LX1431
Download  LX1431 Click to download

File Size   163.33 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PROGRAMMABLE REFERENCE

LX1431 Datasheet (HTML) - Microsemi Corporation


LX1431 Product details

DESCRIPTION
The LX1431 is an adjustable shunt voltage regulator featuring 100mA sink capability, a 0.4% initial reference voltage tolerance and a 0.3% typical temperature stability. This product, which is ideal for use in Pentium® applications, is equipped with on-chip divider resistors, enabling it to be configured as a 5V shunt regulator. In this configuration, the LX1431 has an initial voltage tolerance of only 1% and requires no additional external components. The Linfinity LX1431EB evaluation board and design kit is available to assist engineers in quickly configuring the most efficient, cost-effective Pentium designs.

KEY FEATURES
□ GUARANTEED 0.4% INITIAL VOLTAGE TOLERANCE
□ 0.1Ω TYPICAL DYNAMIC OUTPUT IMPEDANCE
□ FAST TURN-ON
□ SINK CURRENT CAPABILITY, 1mA TO 100mA
□ LOW REFERENCE PIN CURRENT

APPLICATIONS
■ LINEAR REGULATORS
■ ADJUSTABLE POWER SUPPLIES
■ SWITCHING POWER SUPPLIES
■ LX1431EB EVALUATION BOARD FOR PENTIUM APPLICATIONS AVAILABLE. CONSULT FACTORY.




Similar Part No. - LX1431

ManufacturerPart #DatasheetDescription
logo
Lumins Inc.
LX143 LUMINIS-LX143 Datasheet
96Kb / 2P
Semi-recessed wall mount
More results


Similar Description - LX1431

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1431 LINER-LT1431 Datasheet
272Kb / 12P
Programmable Reference
logo
AUK corp
A431X AUK-A431X Datasheet
375Kb / 6P
Programmable Voltage Reference
logo
Texas Instruments
TL1431 TI-TL1431_06 Datasheet
387Kb / 24P
PRECISION PROGRAMMABLE REFERENCE
logo
STMicroelectronics
TL431 STMICROELECTRONICS-TL431_07 Datasheet
243Kb / 13P
Programmable Voltage Reference
Nov-2005
logo
AUK corp
SL431XSF AUK-SL431XSF_1 Datasheet
346Kb / 6P
Programmable Voltage Reference
logo
Linear Technology
LT1431 LINER-LT1431_10 Datasheet
219Kb / 14P
Programmable Reference
logo
Texas Instruments
TL1431_101 TI-TL1431_101 Datasheet
645Kb / 28P
PRECISION PROGRAMMABLE REFERENCE
logo
Unisonic Technologies
LL431_1112 UTC-LL431_1112 Datasheet
221Kb / 5P
PROGRAMMABLE PRECISION REFERENCE
logo
Texas Instruments
TL431-DIE TI-TL431-DIE Datasheet
68Kb / 4P
PRECISION PROGRAMMABLE REFERENCE
logo
Linear Technology
LT1431 LINER-LT1431_15 Datasheet
233Kb / 14P
Programmable Reference
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com