Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91084 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE91084 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE91084
Download  PE91084 Download
File Size   253.45 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz

PE91084 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE91084 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE91084
Download  PE91084 Click to download

File Size   253.45 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description Precision 1.85mm Female to 1.85mm Female Phase Matched Adapter Operating to 67 GHz

PE91084 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE91084

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9108 PASTERNACK-PE9108 Datasheet
237Kb / 2P
Bulkhead SMC Jack to BNC Female Adapter
PE91080 PASTERNACK-PE91080 Datasheet
432Kb / 4P
75 Ohm TNC Male to F Female Adapter
PE91081 PASTERNACK-PE91081 Datasheet
242Kb / 3P
75 Ohm TNC Male to F Male Adapter
PE91082 PASTERNACK-PE91082 Datasheet
243Kb / 3P
75 Ohm TNC Female to F Female Adapter
PE91083 PASTERNACK-PE91083 Datasheet
359Kb / 4P
75 Ohm TNC Female to F Male Adapter
More results


Similar Description - PE91084

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9668 PASTERNACK-PE9668 Datasheet
252Kb / 3P
Precision 2.92mm Female to 1.85mm Female Adapter
PE9715 PASTERNACK-PE9715 Datasheet
247Kb / 3P
Precision 1.85mm Male to 1.85mm Female Adapter
PE9717 PASTERNACK-PE9717 Datasheet
245Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
PE9729 PASTERNACK-PE9729 Datasheet
254Kb / 2P
Precision SMA Female to 1.85mm Female Adapter
PE9748 PASTERNACK-PE9748 Datasheet
244Kb / 2P
Precision 3.5mm Female to 1.85mm Female Adapter
PE9765 PASTERNACK-PE9765 Datasheet
253Kb / 3P
Precision 1.85mm Female to SSMA Female Adapter
PE91085 PASTERNACK-PE91085 Datasheet
255Kb / 3P
Precision 1.85mm Male to 1.85mm Male Phase Matched Adapter Operating to 67 GHz
PE91086 PASTERNACK-PE91086 Datasheet
256Kb / 3P
Precision 1.85mm Male to 1.85mm Female Phase Matched Adapter Adapter Operating to 67 GHz
PE91109 PASTERNACK-PE91109 Datasheet
249Kb / 3P
Precision 1.0mm Female to 1.85mm Female Adapter
PE91115 PASTERNACK-PE91115 Datasheet
214Kb / 3P
Precision 1.85mm Female to 1.85mm Female Adapter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com