Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX432 Datasheet (PDF) - Microsemi Corporation

LX432 Datasheet PDF - Microsemi Corporation
Part # LX432
Download  LX432 Download
File Size   155.61 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS

LX432 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX432 Datasheet PDF - Microsemi Corporation

Part # LX432
Download  LX432 Click to download

File Size   155.61 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS

LX432 Datasheet (HTML) - Microsemi Corporation


LX432 Product details

DESCRIPTION
The LX432 series are low-voltage precision adjustable shunt regulators with a reference voltage of 1.24V. The output voltage may be set to any value between 1.24V and 20V by two external resistors.

KEY FEATURES
■ Low Voltage Operation: 1.24V Reference
■ Initial Voltage Reference Accuracy 1%
■ Adjustable Output Voltage From VREF To 20V
■ Typical Output Dynamic Impedance Less Than 250mΩ
■ Sink Current Capability 80µA To 20mA
■ Direct Alternative To TLV431

APPLICATIONS
■ Low Voltage Adjustable Power Supplies
■ Instrumentation
■ Computers
■ Portable Equipment




Similar Part No. - LX432

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX432 MICROSEMI-LX432 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
LX432CLP MICROSEMI-LX432CLP Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
LX432CSC MICROSEMI-LX432CSC Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
LX432ILP MICROSEMI-LX432ILP Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
LX432ISC MICROSEMI-LX432ISC Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
More results


Similar Description - LX432

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV431 TI-TLV431 Datasheet
232Kb / 34P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH432 TI-TLVH432_07 Datasheet
673Kb / 38P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLV431 TI-TLV431_06 Datasheet
787Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
Linear Dimensions Semic...
LND431 LINEAR_DIMENSIONS-LND431 Datasheet
128Kb / 6P
Low-voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLV431A-Q1 TI1-TLV431A-Q1 Datasheet
489Kb / 21P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431A-Q1 TI1-TLVH431A-Q1 Datasheet
658Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
TLVH431AIDBVRG4 TI1-TLVH431AIDBVRG4 Datasheet
1Mb / 53P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
logo
SYNC POWER Crop.
SP432 SYNC-POWER-SP432_13 Datasheet
394Kb / 15P
Low Voltage Adjustable Precision Shunt Regulators
logo
Texas Instruments
TLVH431 TI1-TLVH431_15 Datasheet
1Mb / 50P
Low-Voltage Adjustable Precision Shunt Regulators
TLVH431A-Q1 TI1-TLVH431A-Q1_15 Datasheet
1,003Kb / 25P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATORS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com