Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5204 Datasheet (PDF) - Microsemi Corporation

LX5204 Datasheet PDF - Microsemi Corporation
Part # LX5204
Download  LX5204 Download
File Size   149.92 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 9-LINE HOT SWAP, 關POWER SCSI TERMINATOR

LX5204 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5204 Datasheet PDF - Microsemi Corporation

Part # LX5204
Download  LX5204 Click to download

File Size   149.92 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 9-LINE HOT SWAP, 關POWER SCSI TERMINATOR

LX5204 Datasheet (HTML) - Microsemi Corporation


LX5204 Product details

DESCRIPTION
The LX5204 is a nine-line active terminator for the SCSI parallel bus. This SCSI standard recommends active termination at both ends of the SCSI bus. The LX5204 has the added features of hot swappability, fully complying with the SCSI hot swap specification.

KEY FEATURES
■ 3.5pF OUTPUT CAPACITANCE DURING DISCONNECT
■ HOT SWAP COMPATIBLE
■ 60µA SUPPLY CURRENT IN DISCONNECT MODE
■ 600µA SUPPLY CURRENT DURING NORMAL OPERATION
■ 150mA SINK CURRENT FOR ACTIVE NEGATION
■ LOGIC COMMAND DISCONNECTS ALL TERMINATION LINES
■ CURRENT LIMIT AND THERMAL PROTECTION
■ COMPATIBLE WITH SCSI 1, 2 AND 3 STANDARDS
■ CONSULT FACTORY FOR APPLICATION TEST REPORT: 5204TR




Similar Part No. - LX5204

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5202 MICROSEMI-LX5202 Datasheet
147Kb / 4P
18-LINE, 關 POWER SCSI TERMINATOR
LX5202CDWP MICROSEMI-LX5202CDWP Datasheet
147Kb / 4P
18-LINE, 關 POWER SCSI TERMINATOR
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5203CDP MICROSEMI-LX5203CDP Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5203CN MICROSEMI-LX5203CN Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
More results


Similar Description - LX5204

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5107 MICROSEMI-LX5107 Datasheet
155Kb / 5P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5202 MICROSEMI-LX5202 Datasheet
147Kb / 4P
18-LINE, 關 POWER SCSI TERMINATOR
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5211 MICROSEMI-LX5211 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5212 MICROSEMI-LX5212 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5213 MICROSEMI-LX5213 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5248 MICROSEMI-LX5248 Datasheet
170Kb / 6P
9 - LINE LVD SCSI TERMINATOR
LX5255 MICROSEMI-LX5255 Datasheet
279Kb / 7P
9-Line LVD SCSI Terminator
LX5251 MICROSEMI-LX5251 Datasheet
164Kb / 8P
9-Line Multimode SCSI Terminator
logo
Texas Instruments
UC5603DP TI-UC5603DP Datasheet
332Kb / 11P
9-LINE SCSI ACTIVE TERMINATOR
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com