Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5207 Datasheet (PDF) - Microsemi Corporation

LX5207 Datasheet PDF - Microsemi Corporation
Part # LX5207
Download  LX5207 Download
File Size   140.81 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 18-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR

LX5207 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5207 Datasheet PDF - Microsemi Corporation

Part # LX5207
Download  LX5207 Click to download

File Size   140.81 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 18-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR

LX5207 Datasheet (HTML) - Microsemi Corporation


LX5207 Product details

DESCRIPTION
The LX5207 is an eighteen line active terminator for the SCSI parallel bus. This SCSI standard recommends active termination at both ends of the SCSI bus.

KEY FEATURES
■ 2.5pF OUTPUT CAPACITANCE DURING DISCONNECT
■ 500nA SUPPLY CURRENT IN DISCONNECT MODE
■ 800µA SUPPLY CURRENT DURING NORMAL OPERATION
■ 100mA SINK CURRENT FOR ACTIVE NEGATION
■ LOGIC COMMAND DISCONNECTS ALL TERMINATION LINES
■ CURRENT LIMIT AND THERMAL PROTECTION
■ COMPATIBLE WITH SCSI 1, 2, 3, AND FAST-20 STANDARDS
■ HOT SWAP COMPATIBLE
■ CONSULT FACTORY FOR APPLICATION TEST REPORT: 5207TR




Similar Part No. - LX5207

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5202 MICROSEMI-LX5202 Datasheet
147Kb / 4P
18-LINE, 關 POWER SCSI TERMINATOR
LX5202CDWP MICROSEMI-LX5202CDWP Datasheet
147Kb / 4P
18-LINE, 關 POWER SCSI TERMINATOR
LX5203 MICROSEMI-LX5203 Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5203CDP MICROSEMI-LX5203CDP Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
LX5203CN MICROSEMI-LX5203CN Datasheet
147Kb / 4P
9-LINE SCSI ACTIVE TERMINATOR
More results


Similar Description - LX5207

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5608 TI-UC5608 Datasheet
230Kb / 4P
18-Line Low Capacitance SCSI Active Terminator
UC5609 TI-UC5609 Datasheet
233Kb / 4P
18-Line Low Capacitance SCSI Active Terminator
logo
Microsemi Corporation
LX5107 MICROSEMI-LX5107 Datasheet
155Kb / 5P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5202 MICROSEMI-LX5202 Datasheet
147Kb / 4P
18-LINE, 關 POWER SCSI TERMINATOR
LX5208 MICROSEMI-LX5208 Datasheet
144Kb / 4P
18-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5211 MICROSEMI-LX5211 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5212 MICROSEMI-LX5212 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
LX5213 MICROSEMI-LX5213 Datasheet
150Kb / 4P
9-LINE LOW CAPACITANCE, 關POWER SCSI TERMINATOR
logo
Burr-Brown (TI)
REG5608 BURR-BROWN-REG5608 Datasheet
170Kb / 5P
LOW CAPACITANCE 18-Line SCSI ACTIVE TERMINATOR
logo
Texas Instruments
UC5608DWP TI-UC5608DWP Datasheet
188Kb / 4P
18-Line Low Capacitance SCSI Active Terminator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com