Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX5240 Datasheet (PDF) - Microsemi Corporation

LX5240 Datasheet PDF - Microsemi Corporation
Part # LX5240
Download  LX5240 Download
File Size   165.88 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MULTIMODE, PLUG AND PLAY SCSI TERMINATOR

LX5240 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX5240 Datasheet PDF - Microsemi Corporation

Part # LX5240
Download  LX5240 Click to download

File Size   165.88 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description MULTIMODE, PLUG AND PLAY SCSI TERMINATOR

LX5240 Datasheet (HTML) - Microsemi Corporation


LX5240 Product details

DESCRIPTION
The LX5240 is a multimode SCSI terminator with plug-and-play capability that conforms to the SCSI Parallel Interconnect-2 (SPI-2) specification developed by the T10 standards committee for low voltage differential (LVD) termination, while providing backwards compatibility to the SCSI, SCSI-2, and SPI single-ended specifications. Multimode compatibility permits the use of legacy devices on the bus without hardware alterations. Automatic mode selection is achieved through voltage detection on the diffsense line.

KEY FEATURES
■ Auto-Selectable LVD Or Single-Ended Termination
■ 3.0pF Maximum Disabled Output Capacitance
■ Fast Response, No External Capacitors Required
■ Compatible With Active Negation Drivers
■ 15µA Supply Current In Disconnect Mode
■ Logic Command Disconnects All Termination Lines
■ Diffsense Line Driver
■ Ground Driver Integrated For SingleEnded Operation
■ Current Limit And Thermal Protection
■ Hot-Swap Compatible (Single-Ended)
■ Compatible With SCSI 1, 2, 3, Fast-20, And The Pending SPI-2 LVD
■ Plug And Play Compatible
■ See LX5245/5246, LVD Termination Only




Similar Part No. - LX5240

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX5241 MICROSEMI-LX5241 Datasheet
261Kb / 7P
MULTIMODE SCSI TERMINATOR
LX5241CDBK MICROSEMI-LX5241CDBK Datasheet
261Kb / 7P
MULTIMODE SCSI TERMINATOR
LX5241CPWK MICROSEMI-LX5241CPWK Datasheet
261Kb / 7P
MULTIMODE SCSI TERMINATOR
LX5242 MICROSEMI-LX5242 Datasheet
261Kb / 7P
MULTIMODE SCSI TERMINATOR
LX5242CDBK MICROSEMI-LX5242CDBK Datasheet
261Kb / 7P
MULTIMODE SCSI TERMINATOR
More results


Similar Description - LX5240

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UC5607 TI-UC5607 Datasheet
245Kb / 4P
Plug and Play, 18-Line SCSI Active Terminator
logo
Dallas Semiconductor
DS21T09 DALLAS-DS21T09 Datasheet
221Kb / 10P
Plug and Play SCSI Terminator
logo
Microsemi Corporation
LX5121 MICROSEMI-LX5121 Datasheet
145Kb / 4P
ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5122 MICROSEMI-LX5122 Datasheet
89Kb / 4P
ULTRA 27-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5205 MICROSEMI-LX5205 Datasheet
142Kb / 4P
18-LINE PLUG AND PLAY, 關POWER SCSI TERMINATOR
LX5225 MICROSEMI-LX5225 Datasheet
148Kb / 4P
ULTRA 18-LINE, PLUG AND PLAY SCSI TERMINATOR
LX5241 MICROSEMI-LX5241 Datasheet
261Kb / 7P
MULTIMODE SCSI TERMINATOR
logo
Dallas Semiconductor
DS2109 DALLAS-DS2109 Datasheet
85Kb / 10P
Plug and Play SCSI Terminator
logo
Maxim Integrated Produc...
DS21T09 MAXIM-DS21T09 Datasheet
227Kb / 10P
Plug and Play SCSI Terminator
112099
DS2109 MAXIM-DS2109 Datasheet
90Kb / 10P
Plug and Play SCSI Terminator
022698
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com