Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX7001 Datasheet (PDF) - Microsemi Corporation

LX7001 Datasheet PDF - Microsemi Corporation
Part # LX7001
Download  LX7001 Download
File Size   137.62 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT

LX7001 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX7001 Datasheet PDF - Microsemi Corporation

Part # LX7001
Download  LX7001 Click to download

File Size   137.62 Kbytes
Page   9 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT IMMUNE UNDERVOLTAGE SENSING CIRCUIT

LX7001 Datasheet (HTML) - Microsemi Corporation


LX7001 Product details

DESCRIPTION
The LX7001 is an improved undervoltage sensing circuit specifically designed for use as a reset controller in microprocessor-based systems. Todays complex miniaturized systems present difficult challanges to the system designer such as overcoming spurious noise problems.

KEY FEATURES
■ Fully Characterized, Transient Immune
   Input Stage
   (See Product Highlight)
■ Monitors 5V Supplies (VTRIP=4.6V Typ.)
■ Outputs Fully Defined At VCC=1V
■ Ultra-Low Supply Current
   (500µA Max. Over Temp)
□ Temperature Compensated ICC For Extremely
   Stable Current Consumption
□ µP Reset Function Programmable With 1
   External Resistor And Capacitor
□ Comparator Hysteresis Prevents Output
   Oscillation
□ Electrically Compatible With Motorola
   MC34064
□ Pin-to-Pin Compatible With Motorola
   MC34064/MC34164

APPLICATIONS
■ All Microprocessor Or Microcontroller
   Designs Using 5V Supplies
■ Simple 5V Undervoltage Detection




Similar Part No. - LX7001

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
LX703 POLYFET-LX703 Datasheet
37Kb / 2P
SILICON GATE ENHANCEMENT MODE RF POWER LDMOS TRANSISTOR
LX703 POLYFET-LX703_14 Datasheet
60Kb / 2P
RF POWER LDMOS TRANSISTOR
More results


Similar Description - LX7001

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
3V UNDERVOLTAGE SENSING CIRCUIT
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
Undervoltage sensing circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
3V UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
3V UNDERVOLTAGE SENSING CIRCUIT
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com