Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LC87F5N62B Datasheet (PDF) - ON Semiconductor

LC87F5N62B Datasheet PDF - ON Semiconductor
Part # LC87F5N62B
Download  LC87F5N62B Download
File Size   178.64 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller

LC87F5N62B Datasheet (PDF)

Go To PDF Page Download Datasheet
LC87F5N62B Datasheet PDF - ON Semiconductor

Part # LC87F5N62B
Download  LC87F5N62B Click to download

File Size   178.64 Kbytes
Page   25 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller

LC87F5N62B Datasheet (HTML) - ON Semiconductor


LC87F5N62B Product details

Overview
The LC87F5N62B is an 8-bit microcomputer that, centered around a CPU running at a minimum bus cycle time of
83.3ns, integrate on a single chip a number of hardware features such as 66K-byte flash ROM (onboard rewritable),
2048byte RAM, Onchip debugging function, sophisticated 16-bit timers/counters (may be divided into 8-bit timers), a
16-bit timer/counter (may be divided into 8-bit timers/counters or 8-bit PWMs), four 8-bit timers with a prescaler, a
base timer serving as a time-of-day clock, a high-speed clock counter, two synchronous SIO ports (with automatic
block transmission/reception capabilities), an asynchronous/synchronous SIO port, two UART ports (full duplex),
four 12-bit PWM channels, an 8-bit 15-channel AD converter, a system clock frequency divider, and a 29-source 10-
vector interrupt feature.

Features
Flash ROM
• Capable of on-board-programing with wide range, 2.7 to 5.5V, of voltage source
• Block-erase in 128-byte units
• 67584 × 8 bits ( Address: 00000H to 0FFFFH, 1F800H to 1FFFFH)
RAM
• 2048 × 9 bits
Minimum Bus Cycle Time
• 83.3ns (12MHz) VDD=2.8 to 5.5V
• 125ns (8MHz) VDD=2.5 to 5.5V
• 500ns (2MHz) VDD=2.2 to 5.5V
Note: Bus cycle time indicates the speed to read ROM.




Similar Part No. - LC87F5N62B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results


Similar Description - LC87F5N62B

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC87F5LP6A SANYO-LC87F5LP6A Datasheet
176Kb / 28P
CMOS IC FROM 256K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F06J2A SANYO-LC87F06J2A Datasheet
187Kb / 32P
CMOS IC FROM 192K byte, RAM 8192 byte on-chip 8-bit 1-chip Microcontroller
LC87F7LC8A SANYO-LC87F7LC8A Datasheet
195Kb / 25P
CMOS IC FROM 128K byte, RAM 4096 byte on-chip 8-bit 1-chip Microcontroller
LC87F2832A SANYO-LC87F2832A Datasheet
180Kb / 27P
CMOS IC FROM 32K byte, RAM 1024 byte on-chip 8-bit 1-chip Microcontroller
LC87F5N62B SANYO-LC87F5N62B Datasheet
176Kb / 25P
CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F2924B SANYO-LC87F2924B Datasheet
195Kb / 28P
CMOS IC FROM 26K byte, RAM 768 byte on-chip 8-bit 1-chip Microcontroller
LC87F2932A SANYO-LC87F2932A Datasheet
203Kb / 29P
CMOS IC FROM 32K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F6D64A SANYO-LC87F6D64A Datasheet
144Kb / 19P
FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864B SANYO-LC87F5864B Datasheet
159Kb / 23P
FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
LC87F5864C SANYO-LC87F5864C Datasheet
158Kb / 23P
FROM 64K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com