Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCE40A Datasheet (PDF) - Microsemi Corporation

LCE40A Datasheet PDF - Microsemi Corporation
Part # LCE40A
Download  LCE40A Download
File Size   85.03 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT ABSORPTION ZENER

LCE40A Datasheet (PDF)

Go To PDF Page Download Datasheet
LCE40A Datasheet PDF - Microsemi Corporation

Part # LCE40A
Download  LCE40A Click to download

File Size   85.03 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description TRANSIENT ABSORPTION ZENER

LCE40A Datasheet (HTML) - Microsemi Corporation


LCE40A Product details

FEATURES
This seres employs a standard TAZ in series with a rectifier with the same transient capabilities as the TAZ.

• 1500 WATTS OF PEAK PULSE POWER DISSIPATION AT 25°C AND 10 x 100 μs
• AVAILABLE IN RANGES FROM 6.5 - 200V
• LOW CAPACITANCE AC SIGNAL PROTECTION

APPLICATIONS
   Devices must be used with two units in parallel, opposite in polarity, as shown in circuit for AC Signal Line protection:




Similar Part No. - LCE40A

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
LCE40A EIC-LCE40A Datasheet
56Kb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
TAITRON Components Inco...
LCE40A TAITRON-LCE40A Datasheet
179Kb / 5P
1500W Low Capacitance Transient Voltage Suppressor
logo
Littelfuse
LCE40A LITTELFUSE-LCE40A Datasheet
141Kb / 5P
Transient Voltage Suppression Diodes
logo
Shenzhen Taychipst Elec...
LCE40A TAYCHIPST-LCE40A Datasheet
7Mb / 3P
LOW CAPACITANCE TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
LCE40A LITTELFUSE-LCE40A Datasheet
3Mb / 146P
TVS Diode Products
More results


Similar Description - LCE40A

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
15KP17 MICROSEMI-15KP17 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
1N5629 MICROSEMI-1N5629 Datasheet
115Kb / 2P
TRANSIENT ABSORPTION ZENER
1N5907 MICROSEMI-1N5907 Datasheet
78Kb / 2P
TRANSIENT ABSORPTION ZENER
1N6356 MICROSEMI-1N6356 Datasheet
89Kb / 2P
TRANSIENT ABSORPTION ZENER
5KP50 MICROSEMI-5KP50 Datasheet
84Kb / 2P
TRANSIENT ABSORPTION ZENER
ICT-5 MICROSEMI-ICT-5 Datasheet
71Kb / 2P
TRANSIENT ABSORPTION ZENER
ICTE-5 MICROSEMI-ICTE-5 Datasheet
71Kb / 2P
TRANSIENT ABSORPTION ZENER
LC65 MICROSEMI-LC65 Datasheet
79Kb / 2P
TRANSIENT ABSORPTION ZENER
LDTS14 MICROSEMI-LDTS14 Datasheet
68Kb / 2P
TRANSIENT ABSORPTION ZENER
P4KE68 MICROSEMI-P4KE68 Datasheet
106Kb / 2P
TRANSIENT ABSORPTION ZENER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com