Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1301490008 Datasheet (PDF) - Molex Electronics Ltd.

1301490008 Datasheet PDF - Molex Electronics Ltd.
Part # 1301490008
Download  1301490008 Download
File Size   35.5 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-15, 125V

1301490008 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301490008 Datasheet PDF - Molex Electronics Ltd.

Part # 1301490008
Download  1301490008 Click to download

File Size   35.5 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-15, 125V

1301490008 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1301490008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301490005 MOLEX11-1301490005 Datasheet
35Kb / 1P
Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
1301490006 MOLEX11-1301490006 Datasheet
44Kb / 1P
Safeway Flanged Inlet, 3 Pole/3 Wire, Non-NEMA 15A/125V, 10A/250V
1301490007 MOLEX11-1301490007 Datasheet
39Kb / 1P
Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
More results


Similar Description - 1301490008

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130149-0005 MOLEX11-130149-0005 Datasheet
42Kb / 1P
Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
130149-0007 MOLEX11-130149-0007 Datasheet
46Kb / 1P
Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
130149-0008 MOLEX11-130149-0008 Datasheet
42Kb / 1P
Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-15, 125V
130149-0016 MOLEX11-130149-0016 Datasheet
41Kb / 1P
Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
130149-0094 MOLEX11-130149-0094 Datasheet
41Kb / 1P
Safeway Flanged Inlet 2 Pole/3 Wire, NEMA 5-15, 125V
1301490005 MOLEX11-1301490005 Datasheet
35Kb / 1P
Safeway Flanged Inlet, 2 Pole/2 Wire, NEMA 1-15, 125V
1301490007 MOLEX11-1301490007 Datasheet
39Kb / 1P
Safeway Flanged Inlet, 2 Pole/3 Wire, NEMA 5-20, 125V
1301490016 MOLEX11-1301490016 Datasheet
34Kb / 1P
Safeway Flanged Inlet with Locking Blade, 2 Pole/3 Wire, NEMA L5-15, 125V
130149-0012 MOLEX11-130149-0012 Datasheet
43Kb / 1P
Safeway Flanged Receptacle, 2 Pole/3 Wire, NEMA 5-15, 125V
1301490094 MOLEX11-1301490094 Datasheet
34Kb / 1P
Safeway Flanged Inlet 2 Pole/3 Wire, NEMA 5-15, 125V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com