Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8941 Datasheet (PDF) - Microsemi Corporation

LX8941 Datasheet PDF - Microsemi Corporation
Part # LX8941
Download  LX8941 Download
File Size   125.11 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ADJUSTABLE LOW DROPOUT REGULATOR

LX8941 Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8941 Datasheet PDF - Microsemi Corporation

Part # LX8941
Download  LX8941 Click to download

File Size   125.11 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description ADJUSTABLE LOW DROPOUT REGULATOR

LX8941 Datasheet (HTML) - Microsemi Corporation


LX8941 Product details

DESCRIPTION
The Microsemi LX8941 is an adjustable, low dropout regulator rated for more than 1A of output current. It can regulate with as low as 0.8V headroom between the input and output voltages, at 1A output current, thus minimizing power dissipation. In addition, it can be used in applications where worst case supplies require a low input / output differential to maintain regulation.

KEY FEATURES
◾ 2% Internally Trimmed Output
◾ Output Current In Excess of 1A
◾ Input – Output Differential Less Than 0.8V @ 1A
◾ Reverse Battery Protection
◾ Short Circuit Protection
◾ Internal Thermal Overload Protection
◾ Available in 5-Lead Plastic TO-220 & Surface-Mount TO-263




Similar Part No. - LX8941

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941 Datasheet
148Kb / 5P
TM Adjustable Low Dropout Regulator
LX8941 MICROSEMI-LX8941 Datasheet
157Kb / 5P
Adjustable Low Dropout Regulator
LX8941CDD MICROSEMI-LX8941CDD Datasheet
148Kb / 5P
TM Adjustable Low Dropout Regulator
LX8941CDD MICROSEMI-LX8941CDD Datasheet
157Kb / 5P
Adjustable Low Dropout Regulator
LX8941CDD-TR MICROSEMI-LX8941CDD-TR Datasheet
157Kb / 5P
Adjustable Low Dropout Regulator
More results


Similar Description - LX8941

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK11900 TOKO-TK11900 Datasheet
73Kb / 10P
ADJUSTABLE LOW DROPOUT REGULATOR
TK73200 TOKO-TK73200 Datasheet
92Kb / 12P
ADJUSTABLE LOW DROPOUT REGULATOR
logo
Analog Intergrations Co...
AIC1741 AIC-AIC1741 Datasheet
77Kb / 6P
LOW DROPOUT ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM2941 NSC-LM2941_07 Datasheet
342Kb / 14P
1A Low Dropout Adjustable Regulator
LM2991QML NSC-LM2991QML Datasheet
688Kb / 13P
Negative Low Dropout Adjustable Regulator
logo
Microsemi Corporation
LX8941 MICROSEMI-LX8941_11 Datasheet
157Kb / 5P
Adjustable Low Dropout Regulator
logo
Analog Devices
ADP3334 AD-ADP3334_15 Datasheet
432Kb / 11P
Adjustable Low Dropout Regulator
REV. C
ADP3336 AD-ADP3336_15 Datasheet
392Kb / 9P
Adjustable Low Dropout Regulator
REV. A
logo
Texas Instruments
LM2941QML TI1-LM2941QML_16 Datasheet
399Kb / 16P
1A Low Dropout Adjustable Regulator
LM2991 TI1-LM2991 Datasheet
1Mb / 19P
Negative Low Dropout Adjustable Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com