Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LX8385-00ID Datasheet (PDF) - Microsemi Corporation

LX8385-00ID Datasheet PDF - Microsemi Corporation
Part # LX8385-00ID
Download  LX8385-00ID Download
File Size   233.7 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3 A LOW DROPOUT POSITIVE REGULATORS

LX8385-00ID Datasheet (PDF)

Go To PDF Page Download Datasheet
LX8385-00ID Datasheet PDF - Microsemi Corporation

Part # LX8385-00ID
Download  LX8385-00ID Click to download

File Size   233.7 Kbytes
Page   8 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3 A LOW DROPOUT POSITIVE REGULATORS

LX8385-00ID Datasheet (HTML) - Microsemi Corporation


LX8385-00ID Product details

DESCRIPTION
The LX8385/8385A/8385B series ICs are positive regulators designed to provide 3A output current. Each regulator yields higher efficiency than currently available devices with all internal circuitry designed to operate down to a 1V input-to-outputdifferential. In these products, the dropout voltage is fully specified as a function of load current. The LX8385s dropout is guaranteed at a maximum of 1.5V at maximum output current, decreasing at lower load currents. The LX8385A/85B have a maximum dropout voltage of 1.3V.

KEY FEATURES
■ Three-Terminal Adjustable Or Fixed Output Voltage
■ Guaranteed 1% Voltage Reference Accuracy Over Line, Load And Temperature (LX8385B)
■ Guaranteed < 1.5V Headroom At 3A (LX8385)
■ Guaranteed < 1.3V Headroom At 3A (LX8385A/8385B)
■ Output Current Of 3A Minimum
□ 0.015% Line Regulation
□ 0.1% Load Regulation

APPLICATIONS
■ High Efficiency Linear Regulators
■ Post Regulators For Switching Power Supplies
■ Battery Chargers
■ Constant Current Regulators
■ Graphics & Standard Supplies
■ Processor I/O Supply
■ Low Voltage Memory & Chipset Supplies




Similar Part No. - LX8385-00ID

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
LX8385-00ID ETC1-LX8385-00ID Datasheet
233Kb / 8P
3A LOW DROPOUT POSITIVE REGULATORS
logo
Microsemi Corporation
LX8385-00IDD MICROSEMI-LX8385-00IDD Datasheet
272Kb / 11P
3A Low Dropout Positive Regulators
More results


Similar Description - LX8385-00ID

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
1.5 A LOW DROPOUT POSITIVE REGULATORS
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
7 A LOW DROPOUT POSITIVE REGULATORS
LX8585-XX MICROSEMI-LX8585-XX_05 Datasheet
276Kb / 10P
4.6A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1083 LINEAR_DIMENSIONS-LND1083 Datasheet
179Kb / 6P
7.5 A, 5 A, 3 A Low Dropout Positive Adjustable Regulators
logo
Texas Instruments
LM1084 TI-LM1084_15 Datasheet
2Mb / 29P
LM1084 5-A Low Dropout Positive Regulators
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
LM1086 1.5-A Low Dropout Positive Regulators
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
3-A Low Dropout Positive Regulators
LM1086 TI1-LM1086 Datasheet
2Mb / 30P
1.5-A Low Dropout Positive Regulators
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com