Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LXM1640-01 Datasheet (PDF) - Microsemi Corporation

LXM1640-01 Datasheet PDF - Microsemi Corporation
Part # LXM1640-01
Download  LXM1640-01 Download
File Size   184.59 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DIRECT DRIVE QUAD LAMP CCFL INVERTER MODULE

LXM1640-01 Datasheet (PDF)

Go To PDF Page Download Datasheet
LXM1640-01 Datasheet PDF - Microsemi Corporation

Part # LXM1640-01
Download  LXM1640-01 Click to download

File Size   184.59 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DIRECT DRIVE QUAD LAMP CCFL INVERTER MODULE

LXM1640-01 Datasheet (HTML) - Microsemi Corporation


LXM1640-01 Product details

DESCRIPTION
The Quad Output Module Ideal for Desktop and Industrial Applications.
The LXM1640 Direct DriveTM Cold Cathode Fluorescent Lamp (CCFL) Inverter is a single module designed to drive four lamps and is targeted for use with desktop Liquid Crystal Display (LCD) and industrial LCD panels typically ranging in size from 14-inches to 21-inches. This four output inverter is the ideal solution to power virtually any four lamp application.

KEY FEATURES
■ Drive Four Lamps With One Module
■ Small, Compact Size
■ High Efficiency
■ Multiple Output Connectors Provide Easy LCD Connections
■ Low EMI And Noise
■ Low Power Sleep Mode
■ Output Short And Open Circuit Protection
■ 3:1 Dimming Control
■ Adjustable Lamp Current Up To 6.0mA Per Lamp
■ Long Lamp Life With Soft-Start And Accurate Lamp Current Regulation

APPLICATIONS
■ Desktop LCD Monitors And Panels
■ Industrial LCD Panels
■ Hi-Brite Displays




Similar Part No. - LXM1640-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-02 MICROSEMI-LXM1641-02 Datasheet
232Kb / 11P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-03 MICROSEMI-LXM1641-03 Datasheet
232Kb / 11P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1643-12-61 MICROSEMI-LXM1643-12-61 Datasheet
224Kb / 6P
12V Quad 6W CCFL Programmable Inverter Module
logo
Micrel Semiconductor
LXM1643-12-62 MICREL-LXM1643-12-62 Datasheet
216Kb / 6P
12V Quad 6W CCFL Programmable Inverter Module
More results


Similar Description - LXM1640-01

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
LXM1610-01 MICROSEMI-LXM1610-01 Datasheet
124Kb / 4P
DIRECT DRIVE CCFL INVERTER MODULE
LXM1620-01 MICROSEMI-LXM1620-01 Datasheet
135Kb / 5P
DIRECT DRIVE DUAL LAMP CCFL INVERTER MODULE
LXM1621-XX MICROSEMI-LXM1621-XX Datasheet
219Kb / 8P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXM1641-01 MICROSEMI-LXM1641-01 Datasheet
232Kb / 11P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
logo
Micrel Semiconductor
LXM1643-12-62 MICREL-LXM1643-12-62 Datasheet
216Kb / 6P
12V Quad 6W CCFL Programmable Inverter Module
logo
Microsemi Corporation
LXMG1621-XX MICROSEMI-LXMG1621-XX Datasheet
307Kb / 10P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1643-12-62 MICROSEMI-LXMG1643-12-62 Datasheet
192Kb / 6P
12V Quad 6W CCFL Programmable Inverter Module
LXMG1621-XX MICROSEMI-LXMG1621-XX_10 Datasheet
296Kb / 10P
DIGITAL DIMMING DUAL LAMP CCFL INVERTER MODULE
LXMG1645-12-5X MICROSEMI-LXMG1645-12-5X Datasheet
228Kb / 8P
12V Quad 5W CCFL Inverter Module
LXMG1645-24-53 MICROSEMI-LXMG1645-24-53 Datasheet
203Kb / 7P
24V Quad 5W CCFL Inverter Module
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com