Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JANS1N4101 Datasheet (PDF) - Microsemi Corporation

JANS1N4101 Datasheet PDF - Microsemi Corporation
Part # JANS1N4101
Download  JANS1N4101 Download
File Size   109.42 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 400mA LOW NOISE ZENER DIODES

JANS1N4101 Datasheet (PDF)

Go To PDF Page Download Datasheet
JANS1N4101 Datasheet PDF - Microsemi Corporation

Part # JANS1N4101
Download  JANS1N4101 Click to download

File Size   109.42 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SILICON 400mA LOW NOISE ZENER DIODES

JANS1N4101 Datasheet (HTML) - Microsemi Corporation


JANS1N4101 Product details

• 1N4099UR-1 THRU 1N4135UR-1 AVAILABLE IN JAN, JANTX, JANTXV AND JANS PER MIL-PRF-19500/435

• LEADLESS PACKAGE FOR SURFACE MOUNT

• LOW CURRENT OPERATION AT 250 µA

• METALLURGICALLY BONDED



MAXIMUM RATINGS

Junction and Storage Temperature: -65°C to +175°C

DC Power Dissipation: 500mW @ TEC= +125°C

Power Derating: 10mW/ °C above TEC= +125°C

Forward Derating @ 200 mA: 1.1 Volts maximum




Similar Part No. - JANS1N4101

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
JANS1N4101 MICROSEMI-JANS1N4101 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
JANS1N4101-1 MICROSEMI-JANS1N4101-1 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
More results


Similar Description - JANS1N4101

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N4099-1 MICROSEMI-1N4099-1 Datasheet
86Kb / 2P
SILICON 500mA LOW NOISE ZENER DIODES
1PMT4614 MICROSEMI-1PMT4614 Datasheet
210Kb / 2P
LOW NOISE 1 WATT Zener Diodes
logo
Renesas Technology Corp
HZK-LL RENESAS-HZK-LL Datasheet
46Kb / 6P
Silicon Epitaxial Planar Zener Diodes for Hard Knee Low Noise
logo
Jinan Gude Electronic D...
1N4099 JGD-1N4099 Datasheet
181Kb / 2P
500mW LOW NOISE SILION ZENER DIODES
logo
TAITRON Components Inco...
1N4614 TAITRON-1N4614 Datasheet
357Kb / 5P
500mW Low Noise Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
1N4099 SEMTECH_ELEC-1N4099 Datasheet
212Kb / 3P
SILICON PLANAR LOW NOISE ZENER DIODES
logo
Microsemi Corporation
1PMT4614E3 MICROSEMI-1PMT4614E3 Datasheet
139Kb / 4P
POWERMITETM Low Noise 1 Watt Zener Diodes
logo
Central Semiconductor C...
CLL4614 CENTRAL-CLL4614_10 Datasheet
305Kb / 2P
SURFACE MOUNT 500mW LOW NOISE SILICON ZENER DIODES 5% TOLERANCE
logo
Vishay Siliconix
MMBZ4617 VISHAY-MMBZ4617 Datasheet
29Kb / 2P
Silicon Planar Low Noise Zener Diodes.
01-May-02
logo
New Jersey Semi-Conduct...
1N6062B NJSEMI-1N6062B Datasheet
94Kb / 1P
400 mW low voltage avalanche low noise silicon zener diodes
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com