Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAD1108 Datasheet (PDF) - Microsemi Corporation

MAD1108 Datasheet PDF - Microsemi Corporation
Part # MAD1108
Download  MAD1108 Download
File Size   33.45 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Switching Diode Array

MAD1108 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAD1108 Datasheet PDF - Microsemi Corporation

Part # MAD1108
Download  MAD1108 Click to download

File Size   33.45 Kbytes
Page   1 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Switching Diode Array

MAD1108 Datasheet (HTML) - Microsemi Corporation


MAD1108 Product details

DESCRIPTION
These low capacitance diode arrays are multiple, discrete, isolated junctions fabricated by a planar process and mounted in a 16-PIN package for use as steering diodes protecting up to eight I/O ports from ESD, EFT, or surge by directing them either to the positive side of the power supply line or to ground (see figure 1). An external TVS diode may be added between the positive supply line and ground to prevent overvoltage on the supply rail. They may also be used in fast switching core-driver applications.

FEATURES
• 8 Diode Array / protects 8 lines
• Molded 16-Pin Dual-In-Line Package
• UL 94V-0 Flammability Classification
• Low Capacitance 1.5 pF per diode
• Switching speeds less than 5 ns
• RoHS Compliant devices available by adding “e3” suffix
• IEC 61000-4 compatible
    61000-4-2 (ESD): Air 15kV, contact – 8 kV
    61000-4-4 (EFT): 40A – 5/50 ns
    61000-4-5 (surge): 12A, 8/20 µs

APPLICATIONS / BENEFITS
• Low capacitance steering diode protection for high frequency data lines
• RS-232 & RS-422 Interface Networks
• Ethernet: 10 Base T
• Computer I / O Ports
• LAN
• Switching Core Drivers




Similar Part No. - MAD1108

ManufacturerPart #DatasheetDescription
logo
Protek Devices
MAD1108 PROTEC-MAD1108 Datasheet
104Kb / 3P
STEERING DIODE ARRAY
logo
Microsemi Corporation
MAD1108 MICROSEMI-MAD1108 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
logo
Protek Devices
MAD1108 PROTEC-MAD1108 Datasheet
504Kb / 4P
ultra low capacitance multi-line steering diode array
logo
Microsemi Corporation
MAD1108E3 MICROSEMI-MAD1108E3 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
MAD1108 MICROSEMI-MAD1108_05 Datasheet
89Kb / 2P
Switching Diode Array Steering Diode TVS ArrayTM
More results


Similar Description - MAD1108

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MAD1104 MICROSEMI-MAD1104 Datasheet
50Kb / 1P
Switching Diode Array
MMAD1104 MICROSEMI-MMAD1104 Datasheet
86Kb / 1P
Switching Diode Array
MMAD1107 MICROSEMI-MMAD1107 Datasheet
58Kb / 1P
Switching Diode Array
MMAD1108 MICROSEMI-MMAD1108 Datasheet
77Kb / 1P
Switching Diode Array
S24-4148CC MICROSEMI-S24-4148CC Datasheet
67Kb / 1P
Switching Diode Array
logo
List of Unclassifed Man...
ADA1108P ETC-ADA1108P Datasheet
581Kb / 1P
Switching Diode Array
logo
Chenmko Enterprise Co. ...
MMBD4448FPT CHENMKO-MMBD4448FPT Datasheet
111Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448HTWPT CHENMKO-MMBD4448HTWPT Datasheet
103Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448TPT CHENMKO-MMBD4448TPT Datasheet
128Kb / 2P
SWITCHING DIODE ARRAY
MMBD4448VPT CHENMKO-MMBD4448VPT Datasheet
110Kb / 2P
SWITCHING DIODE ARRAY
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com