Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM1126 Datasheet (PDF) - Nippon Precision Circuits Inc

SM1126 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM1126
Download  SM1126 Download
File Size   125.06 Kbytes
Page   18 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Melody IC with Built-in SRAM

SM1126 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM1126 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM1126
Download  SM1126 Click to download

File Size   125.06 Kbytes
Page   18 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Melody IC with Built-in SRAM

SM1126 Datasheet (HTML) - Nippon Precision Circuits Inc


SM1126 Product details

OVERVIEW
The SM1126 Series are melody ICs for use in mobile telecommunications equipment. A maximum of 15 melodies can be stored in programmable ROM and one in built-in read/write SRAM.

FEATURES
■ 2.0 to 3.6 V supply voltage
■ Maximum of 16 melody selections (15 in ROM + 1 in SRAM)
■ Level hold playback mode
■ External reference clock input versions and builtin RC oscillator versions available, set by masterslice option (RC oscillator versions require an external resistor and capacitor).
■ Selectable clock frequencies (fixed for all melodies)
    • External clock input versions (6 frequencies)
        - 32.768 kHz system: 32.768, 65.536 and 131.072 kHz
        - 38.4 kHz system: 38.4, 76.8 and 153.6 kHz
    • Built-in RC oscillator versions (1 frequency) - 131.072 kHz
■ 2-pin serial data melody selection and 1-pin melody playback control
■ Parity check function
■ Delivery pattern alarm
■ Power save function
    • External clock input versions Clock gating in non-play modes
    • Built-in RC oscillator versions Oscillator stopped in non-play modes




Similar Part No. - SM1126

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SM112.SA ETC2-SM112.SA Datasheet
3Mb / 4P
General Purpose Tweezers
logo
AiT Semiconductor Inc.
SM1120A AITSEMI-SM1120A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
SM1120A AITSEMI-SM1120A Datasheet
571Kb / 5P
SCHOTTKY DIODE REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV2.2
logo
Pletronics, Inc.
SM1120BDE PLETRONICS-SM1120BDE Datasheet
202Kb / 2P
CMOS with Enable/ Disable, 3rd Overtone Crystal Used
SM1120BDS PLETRONICS-SM1120BDS Datasheet
202Kb / 2P
CMOS with Enable/ Disable, 3rd Overtone Crystal Used
More results


Similar Description - SM1126

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
M1105 NPC-M1105 Datasheet
92Kb / 2P
Melody IC
logo
Panasonic Semiconductor
GN01081B PANASONIC-GN01081B Datasheet
56Kb / 2P
GaAs IC with built-in ferroelectric
GN01094B PANASONIC-GN01094B Datasheet
30Kb / 2P
GaAs IC (with built-in ferroelectric)
GN01096B PANASONIC-GN01096B Datasheet
29Kb / 2P
GaAs IC(with built-in ferroelectric)
GN01100B PANASONIC-GN01100B Datasheet
30Kb / 2P
GaAs IC (with built-in ferroelectric)
GN02035B PANASONIC-GN02035B Datasheet
22Kb / 1P
GaAs IC(with built-in ferroelectric)
logo
Nippon Precision Circui...
CF1156 NPC-CF1156 Datasheet
83Kb / 7P
CMOS melody LSIs with built-in LED driver
5075 NPC-5075 Datasheet
308Kb / 14P
VCXO Module IC with Built-in Varicap
logo
Unisonic Technologies
15600 UTC-15600 Datasheet
164Kb / 6P
MELODY IC
15600 UTC-15600_15 Datasheet
171Kb / 6P
MELODY IC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com