Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PE91297 Datasheet (PDF) - Pasternack Enterprises, Inc.

PE91297 Datasheet PDF - Pasternack Enterprises, Inc.
Part # PE91297
Download  PE91297 Download
File Size   340.53 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 2.92mm Male to 2.4mm Female Adapter

PE91297 Datasheet (PDF)

Go To PDF Page Download Datasheet
PE91297 Datasheet PDF - Pasternack Enterprises, Inc.

Part # PE91297
Download  PE91297 Click to download

File Size   340.53 Kbytes
Page   3 Pages
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.
Description 2.92mm Male to 2.4mm Female Adapter

PE91297 Datasheet (HTML) - Pasternack Enterprises, Inc.




Similar Part No. - PE91297

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9129 PASTERNACK-PE9129 Datasheet
237Kb / 2P
HN Female to BNC Male Adapter
PE91290 PASTERNACK-PE91290 Datasheet
341Kb / 3P
SMA Female to SMA Female 2 Hole Flange Adapter
PE91291 PASTERNACK-PE91291 Datasheet
338Kb / 3P
3.5mm Female to 2.4mm Female Adapter
PE91292 PASTERNACK-PE91292 Datasheet
341Kb / 3P
3.5mm Female to 2.4mm Male Adapter
PE91293 PASTERNACK-PE91293 Datasheet
342Kb / 3P
3.5mm Male to 2.4mm Female Adapter
More results


Similar Description - PE91297

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9452 PASTERNACK-PE9452 Datasheet
242Kb / 2P
Precision 2.4mm Male to 2.4mm Female Adapter
PE9454 PASTERNACK-PE9454 Datasheet
249Kb / 3P
Precision 2.92mm Female to 2.4mm Male Adapter
PE9455 PASTERNACK-PE9455 Datasheet
238Kb / 3P
Precision 2.92mm Male to 2.4mm Female Adapter
PE9456 PASTERNACK-PE9456 Datasheet
238Kb / 3P
Precision 2.92mm Female to 2.4mm Female Adapter
PE9457 PASTERNACK-PE9457 Datasheet
247Kb / 3P
Precision 2.92mm Male to 2.4mm Male Adapter
PE91144 PASTERNACK-PE91144 Datasheet
361Kb / 3P
Ruggedized 2.92mm NMD Female to 2.4mm Female Adapter
PE91295 PASTERNACK-PE91295 Datasheet
340Kb / 3P
2.92mm Female to 2.4mm Female Adapter
PE91296 PASTERNACK-PE91296 Datasheet
341Kb / 3P
2.92mm Female to 2.4mm Male Adapter
PE91298 PASTERNACK-PE91298 Datasheet
330Kb / 3P
2.92mm Male to 2.4mm Male Adapter
logo
Amphenol SV Microwave
1116-6092 SVMICROWAVE-1116-6092 Datasheet
603Kb / 1P
2.4mm FEMALE TO 2.92mm FEMALE 2 HOLE FLANGE ADAPTER
04/21
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com