Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1301410007 Datasheet (PDF) - Molex Electronics Ltd.

1301410007 Datasheet PDF - Molex Electronics Ltd.
Part # 1301410007
Download  1301410007 Download
File Size   42.93 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V

1301410007 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301410007 Datasheet PDF - Molex Electronics Ltd.

Part # 1301410007
Download  1301410007 Click to download

File Size   42.93 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V

1301410007 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1301410007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410006 MOLEX11-1301410006 Datasheet
35Kb / 1P
Super-Safeway Plug, 2 Pole/2 Wire, NEMA 1-15, 125V
1301410008 MOLEX11-1301410008 Datasheet
53Kb / 1P
Super-Safeway Plug, Polarized, 2 Pole/2 Wire, NEMA1-15, 125V
More results


Similar Description - 1301410007

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130141-0007 MOLEX2-130141-0007 Datasheet
50Kb / 1P
Super-Safeway짰 Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130141-0024 MOLEX11-130141-0024 Datasheet
48Kb / 1P
Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130141-0007 MOLEX11-130141-0007 Datasheet
50Kb / 1P
Super-Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130141-0044 MOLEX11-130141-0044 Datasheet
39Kb / 1P
Super-Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V,10A/250V
130144-0051 MOLEX11-130144-0051 Datasheet
58Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
130144-0052 MOLEX11-130144-0052 Datasheet
31Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Yellow
1301440051 MOLEX11-1301440051 Datasheet
51Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301440052 MOLEX11-1301440052 Datasheet
42Kb / 1P
Safeway Plug, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V, Yellow
1301410024 MOLEX11-1301410024 Datasheet
40Kb / 1P
Super-Safeway Connector, 3 Pole/3 Wire, Non-NEMA, 15A/125V, 10A/250V
1301410044 MOLEX11-1301410044 Datasheet
32Kb / 1P
Super-Safeway Plug with Locking Blade, 3 Pole/3 Wire, Non-NEMA, 15A/125V,10A/250V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com