Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1301410010 Datasheet (PDF) - Molex Electronics Ltd.

1301410010 Datasheet PDF - Molex Electronics Ltd.
Part # 1301410010
Download  1301410010 Download
File Size   42.2 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Plug, 2 Pole/2 Wire, NEMA 5-20, 125V

1301410010 Datasheet (PDF)

Go To PDF Page Download Datasheet
1301410010 Datasheet PDF - Molex Electronics Ltd.

Part # 1301410010
Download  1301410010 Click to download

File Size   42.2 Kbytes
Page   1 Pages
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.
Description Super-Safeway Plug, 2 Pole/2 Wire, NEMA 5-20, 125V

1301410010 Datasheet (HTML) - Molex Electronics Ltd.




Similar Part No. - 1301410010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1301410012 MOLEX11-1301410012 Datasheet
34Kb / 1P
Super-Safeway Monitoring Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Cord Grip Body
1301410014 MOLEX11-1301410014 Datasheet
54Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 277V
1301410016 MOLEX11-1301410016 Datasheet
40Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-15, 125V, Black
1301410017 MOLEX11-1301410017 Datasheet
38Kb / 1P
Super-Safeway Hospital Duty Plug, 2 Pole/3 Wire, NEMA 5-15, 125V
More results


Similar Description - 1301410010

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130141-0025 MOLEX11-130141-0025 Datasheet
53Kb / 1P
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-20, 125V
130141-0029 MOLEX11-130141-0029 Datasheet
31Kb / 1P
Super-Safeway Connector, 2 Pole/3 Wire, NEMA 5-20, 125V
130141-0006 MOLEX11-130141-0006 Datasheet
42Kb / 1P
Super-Safeway Plug, 2 Pole/2 Wire, NEMA 1-15, 125V
130141-0010 MOLEX11-130141-0010 Datasheet
49Kb / 1P
Super-Safeway Plug, 2 Pole/2 Wire, NEMA 5-20, 125V
130144-0053 MOLEX11-130144-0053 Datasheet
60Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-20, 125V
130144-0056 MOLEX11-130144-0056 Datasheet
31Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Yellow
1301440053 MOLEX11-1301440053 Datasheet
53Kb / 1P
Safeway Plug, 2 Pole/3 Wire, NEMA 5-20, 125V
130141-0011 MOLEX11-130141-0011 Datasheet
48Kb / 1P
Super-Safeway Plug, 2 Pole/3 Wire, NEMA 5-20, 125V, Black
1301410006 MOLEX11-1301410006 Datasheet
35Kb / 1P
Super-Safeway Plug, 2 Pole/2 Wire, NEMA 1-15, 125V
1301410025 MOLEX11-1301410025 Datasheet
45Kb / 1P
Super-Safeway Connector 2 Pole/3 Wire, NEMA 5-20, 125V
More results




About Molex Electronics Ltd.


Molex Electronics Ltd. is a subsidiary of Koch Industries, Inc., and is a global manufacturer of electronic and fiber optic interconnect solutions.

The company was founded in 1938 and is headquartered in Lisle, Illinois.

Molex offers a wide range of interconnect products including connectors, cable assemblies, switches, and other passive components.

These products are used in various industries including automotive, data communications, consumer electronics, industrial equipment, medical devices, and telecommunications.

With operations and facilities in over 40 countries, Molex is known for its innovation and technology leadership in the interconnect solutions market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com