Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TCP-4182UB Datasheet (PDF) - ON Semiconductor

TCP-4182UB Datasheet PDF - ON Semiconductor
Part # TCP-4182UB
Download  TCP-4182UB Download
File Size   236.94 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8.2 pF Passive Tunable Integrated Circuits

TCP-4182UB Datasheet (PDF)

Go To PDF Page Download Datasheet
TCP-4182UB Datasheet PDF - ON Semiconductor

Part # TCP-4182UB
Download  TCP-4182UB Click to download

File Size   236.94 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description 8.2 pF Passive Tunable Integrated Circuits

TCP-4182UB Datasheet (HTML) - ON Semiconductor




Similar Part No. - TCP-4182UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-4112UB ONSEMI-TCP-4112UB Datasheet
231Kb / 7P
Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4112UB-DT ONSEMI-TCP-4112UB-DT Datasheet
231Kb / 7P
Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4118UB ONSEMI-TCP-4118UB Datasheet
223Kb / 7P
Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4118UB-DT ONSEMI-TCP-4118UB-DT Datasheet
223Kb / 7P
Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-4127UA ONSEMI-TCP-4127UA Datasheet
255Kb / 7P
High-Linearity 2.7 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
More results


Similar Description - TCP-4182UB

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
TCP-3082H ONSEMI-TCP-3082H Datasheet
351Kb / 9P
8.2 pF Passive Tunable Integrated Circuits (PTIC)
May, 2013 ??Rev. P2
TCP-3033N ONSEMI-TCP-3033N Datasheet
224Kb / 7P
3.3 pF Passive Tunable Integrated Circuits
January, 2015 ??Rev. 1
TCP-3133H ONSEMI-TCP-3133H Datasheet
209Kb / 7P
3.3 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3139H ONSEMI-TCP-3139H Datasheet
217Kb / 7P
3.9 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-4139UB ONSEMI-TCP-4139UB Datasheet
239Kb / 7P
3.9 pF Passive Tunable Integrated Circuits
October, 2015 ??Rev. 0
TCP-3068N ONSEMI-TCP-3068N Datasheet
243Kb / 7P
6.8 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
TCP-3082N ONSEMI-TCP-3082N Datasheet
240Kb / 7P
8.2 pF Passive Tunable Integrated Circuits
October, 2014 ??Rev. 0
TCP-3127H ONSEMI-TCP-3127H Datasheet
233Kb / 7P
2.7 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 3
TCP-3182H ONSEMI-TCP-3182H Datasheet
214Kb / 7P
8.2 pF Passive Tunable Integrated Circuits
July, 2015 ??Rev. 2
TCP-5082UB ONSEMI-TCP-5082UB Datasheet
231Kb / 7P
8.2 pF Passive Tunable Integrated Circuits (PTIC)
November, 2016 ??Rev. P1
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com