Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5022 Datasheet (PDF) - Nippon Precision Circuits Inc

SM5022 Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5022
Download  SM5022 Download
File Size   104.27 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Crystal Oscillator Module ICs

SM5022 Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5022 Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5022
Download  SM5022 Click to download

File Size   104.27 Kbytes
Page   10 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Crystal Oscillator Module ICs

SM5022 Datasheet (HTML) - Nippon Precision Circuits Inc


SM5022 Product details

OVERVIEW
The SM5022 series are crystal oscillator module ICs fabricated in NPC’s Molybdenum-gate CMOS, that incorporate high-frequency, low current consumption oscillator and output buffer circuits. Highly accurate thin-film feedback resistors and high-frequency capacitors are built-in, eliminating the need for external components to make a stable fundamental-harmonic oscillator.

FEATURES
■ Up to 30MHz operation
■ Fundamental oscillation
■ Capacitors CG, CD built-in
■ Inverter amplifier feedback resistor built-in
■ TTL input level
■ 4 mA (VDD = 2.7 V) drive capability
    8 mA (VDD = 4.5 V) drive capability
■ Output three-state function
■ 2.7 to 5.5 V supply voltage (A× series)
    4.5 to 5.5 V supply voltage (B× series)
■ Oscillator frequency output (fO, fO/2, fO/4, fO/8
    determined by internal connection)
■ 6-pin SOT (SM5022××H)
■ Chip form (CF5022××)




Similar Part No. - SM5022

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5022 NPC-SM5022 Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
SM5022A1AH NPC-SM5022A1AH Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
SM5022A2AH NPC-SM5022A2AH Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
SM5022A3AH NPC-SM5022A3AH Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
SM5022A4AH NPC-SM5022A4AH Datasheet
101Kb / 11P
Crystal Oscillator Module ICs
More results


Similar Description - SM5022

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM5006 NPC-SM5006 Datasheet
185Kb / 18P
Crystal Oscillator Module ICs
SM5007 NPC-SM5007 Datasheet
111Kb / 11P
Crystal Oscillator Module ICs
SM5009AH1S NPC-SM5009AH1S Datasheet
163Kb / 18P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021 Datasheet
105Kb / 11P
Crystal Oscillator Module ICs
CF5014 NPC-CF5014 Datasheet
95Kb / 10P
Crystal Oscillator Module ICs
logo
Pericom Semiconductor C...
PT7C5022 PERICOM-PT7C5022 Datasheet
356Kb / 13P
Crystal Oscillator Module ICs
logo
Nippon Precision Circui...
SM5010 NPC-SM5010_06 Datasheet
167Kb / 25P
Crystal Oscillator Module ICs
SM5021 NPC-SM5021_06 Datasheet
102Kb / 12P
Crystal Oscillator Module ICs
5026 NPC-5026 Datasheet
126Kb / 16P
Crystal Oscillator Module ICs
5027 NPC-5027 Datasheet
710Kb / 21P
Crystal Oscillator Module ICs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com