Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5050A Datasheet (PDF) - Nippon Precision Circuits Inc

SM5050A Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5050A
Download  SM5050A Download
File Size   76.0 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Single-output Clock Generator IC

SM5050A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5050A Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5050A
Download  SM5050A Click to download

File Size   76.0 Kbytes
Page   8 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Single-output Clock Generator IC

SM5050A Datasheet (HTML) - Nippon Precision Circuits Inc


SM5050A Product details

OVERVIEW
The SM5050A is a single-output clock generator IC that generates standard high-frequency clocks derived from a 20 to 40MHz crystal oscillator master clock. The high-frequency output stage uses optimized PLL circuits for low jitter output. The oscillator capacitors CG and CD are built-in, realizing a high-frequency output oscillator by just the connection of a crystal. Two program inputs allows selection from 4 frequency multipliers, making the SM5050A able to generate multi-standard frequency clock outputs.

FEATURES
■ 2.7 to 3.6V operating supply voltage
■ 20 to 40MHz master clock frequency (fundamental)
■ Output frequency ranges
    • 100 to 166.6MHz (VDD = VDDQ = 3.0 to 3.6V)
    • 100 to 125MHz (VDD = VDDQ = 2.7 to 3.6V)
■ 8mA output drive capability
■ Oscillator capacitors (CG, CD) and feedback resistor (Rf) built-in
■ 100ps (typ) low jitter output (peak-to-peak)
■ 2 program inputs for 4 selectable multiplier ratios
■ Standby function
■ Packaging
    • Chip form (CF5050A)
    • 8-pin VSOP package (SM5050AV)




Similar Part No. - SM5050A

ManufacturerPart #DatasheetDescription
logo
Stealth Microwave, Inc.
SM5053-43L STEALTH_MICROWAVE-SM5053-43L Datasheet
185Kb / 4P
5000-5300 MHz 20 Watt Ultra-Linear Power Amplifier
logo
Diotec Semiconductor
SM5059 DIOTEC-SM5059 Datasheet
163Kb / 2P
Surface Mount Si-Rectifiers
SM5059 DIOTEC-SM5059 Datasheet
110Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
SM5059 SEMIKRON-SM5059 Datasheet
107Kb / 2P
Standard silicon rectifier diodes
logo
Diotec Semiconductor
SM5059 DIOTEC-SM5059 Datasheet
153Kb / 2P
Standard Recovery SMD Rectifier Diodes
More results


Similar Description - SM5050A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8702AM NPC-SM8702AM Datasheet
155Kb / 16P
Clock Generator IC
logo
Rohm
BU2288FV ROHM-BU2288FV Datasheet
64Kb / 7P
Clock generator IC
logo
Integrated Device Techn...
IDT5V926 IDT-IDT5V926 Datasheet
45Kb / 6P
SINGLE OUTPUT CLOCK GENERATOR
logo
List of Unclassifed Man...
BU2286FV ETC-BU2286FV Datasheet
50Kb / 2P
Clock generator IC
FS6118 ETC-FS6118 Datasheet
87Kb / 4P
CLOCK GENERATOR IC
BU2294AF ETC1-BU2294AF Datasheet
62Kb / 2P
Clock generator IC
logo
Integrated Device Techn...
IDT5V926A IDT-IDT5V926A Datasheet
101Kb / 6P
Single Output Clock Generator
logo
Pericom Semiconductor C...
PI6LC48C21 PERICOM-PI6LC48C21 Datasheet
792Kb / 6P
Single Output LVCMOS Clock Generator
PI6LC48P21 PERICOM-PI6LC48P21 Datasheet
1Mb / 7P
Single Output LVPECL Clock Generator
PI6LC48P25104 PERICOM-PI6LC48P25104 Datasheet
732Kb / 7P
Single Output LVPECL Clock Generator
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com