Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTMPU16 Datasheet (PDF) - Wall Industries,Inc.

DTMPU16 Datasheet PDF - Wall Industries,Inc.
Part # DTMPU16
Download  DTMPU16 Download
File Size   290.36 Kbytes
Page   5 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 90 - 264VAC Input Voltage Range 15 Watts, Single Outputs

DTMPU16 Datasheet (PDF)

Go To PDF Page Download Datasheet
DTMPU16 Datasheet PDF - Wall Industries,Inc.

Part # DTMPU16
Download  DTMPU16 Click to download

File Size   290.36 Kbytes
Page   5 Pages
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.
Description 90 - 264VAC Input Voltage Range 15 Watts, Single Outputs

DTMPU16 Datasheet (HTML) - Wall Industries,Inc.




Similar Part No. - DTMPU16

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
DTMPU101 WALL-DTMPU101 Datasheet
467Kb / 5P
100W Medical AC - DC Desktop Power Supplies
DTMPU101-102 WALL-DTMPU101-102 Datasheet
467Kb / 5P
100W Medical AC - DC Desktop Power Supplies
DTMPU101-103 WALL-DTMPU101-103 Datasheet
467Kb / 5P
100W Medical AC - DC Desktop Power Supplies
DTMPU101-104 WALL-DTMPU101-104 Datasheet
467Kb / 5P
100W Medical AC - DC Desktop Power Supplies
DTMPU101-105 WALL-DTMPU101-105 Datasheet
467Kb / 5P
100W Medical AC - DC Desktop Power Supplies
More results


Similar Description - DTMPU16

ManufacturerPart #DatasheetDescription
logo
LinkCom Manufacturing C...
PLSP400212001 LINKCOM-PLSP400212001 Datasheet
117Kb / 2P
AC Input 90-264Vac
logo
Wall Industries,Inc.
DTAM250 WALL-DTAM250 Datasheet
199Kb / 4P
90 - 264VAC Input Voltage Range 250 Watts, Single Output Active PFC, IEC-320-C14 AC Inlet
DTEM1070 WALL-DTEM1070 Datasheet
287Kb / 4P
100 - 240VAC Input Voltage Range 60 - 72 Watts, Single Outputs
DTM24 WALL-DTM24 Datasheet
103Kb / 4P
90 - 264VAC Input Voltage Range Single Outputs, Up to 24 Watts
DTMPU31 WALL-DTMPU31 Datasheet
429Kb / 5P
90 - 264VAC Input Voltage Range Class I, Up to 30 Watts Single, Dual, and Triple Outputs
DTMPU51 WALL-DTMPU51 Datasheet
447Kb / 5P
90 - 264VAC Input Voltage Range Class I, Up to 50 Watts Single, Dual, and Triple Outputs
DTMPU60 WALL-DTMPU60 Datasheet
380Kb / 5P
90 - 264VAC Input Voltage Range 63 Watts, Single Outputs
WMHPU12 WALL-WMHPU12 Datasheet
218Kb / 5P
90 - 264VAC Input Voltage Range 12 Watt, Single Outputs
WMMPU12 WALL-WMMPU12 Datasheet
244Kb / 5P
90 - 264VAC Input Voltage Range Medical Approvals 12 Watt, Single Outputs
WMSAW06D WALL-WMSAW06D Datasheet
387Kb / 4P
Universal Input Voltage of 90~264VAC
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com