Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LB11696V Datasheet (PDF) - ON Semiconductor

LB11696V Datasheet PDF - ON Semiconductor
Part # LB11696V
Download  LB11696V Download
File Size   526.04 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Direct PWM Drive Brushless Motor Predriver IC

LB11696V Datasheet (PDF)

Go To PDF Page Download Datasheet
LB11696V Datasheet PDF - ON Semiconductor

Part # LB11696V
Download  LB11696V Click to download

File Size   526.04 Kbytes
Page   17 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Direct PWM Drive Brushless Motor Predriver IC

LB11696V Datasheet (HTML) - ON Semiconductor


LB11696V Product details

Overview
The LB11696V is a direct PWM drive predriver IC designed for three phase power brushless motors. A motor driver circuit with the desired output power (voltage and current) can be implemented by adding discrete transistors in the output circuits. Furthermore, the LB11696V provides a full complement of protection circuits allowing it to easily implement high-reliability drive circuits. This device is optimal for driving all types of large-scale motors such as those used in air conditioners and on-demand water heaters.

Features
• Three-phase bipolar drive
• Direct PWM drive (controlled either by control voltage
   or PWM variable duty pulse input)
• Built-in forward/reverse switching circuit
• Start/stop mode switching circuit (stop mode power saving function)
• Built-in input amplifier
• 5 V regulator output (VREG pin)
• Current limiter circuit (Supports 0.25 V (typical) reference voltage
   sensing based high-precision detection)
• Undervoltage protection circuit (The operating voltage
   can be set with a zener diode)
• Automatic recovery type constraint protection circuit with
   protection operating state discrimination output (RD pin)
• Four types of Hall signal pulse outputs
• Supports thermistor based thermal protection of the output transistors




Similar Part No. - LB11696V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V ONSEMI-LB11696V Datasheet
573Kb / 20P
Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
LB11696V ONSEMI-LB11696V Datasheet
578Kb / 19P
Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
logo
Sanyo Semicon Device
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11696V-MPB-E ONSEMI-LB11696V-MPB-E Datasheet
573Kb / 20P
Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
More results


Similar Description - LB11696V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11823M SANYO-LB11823M Datasheet
176Kb / 19P
Direct PWM Drive Brushless Motor Predriver for OA Products
LB11696V SANYO-LB11696V Datasheet
394Kb / 16P
Direct PWM Drive Brushless Motor Predriver IC
LB11600JV SANYO-LB11600JV Datasheet
343Kb / 30P
Brushless Motor Predriver IC
LV8136V SANYO-LV8136V Datasheet
236Kb / 19P
Bi-CMOS IC For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
ENA2005-D SANYO-ENA2005-D Datasheet
236Kb / 19P
For Brushless Motor Drive Direct PWM Drive, Quiet Predriver IC
LB11696V-D SANYO-LB11696V-D Datasheet
415Kb / 16P
Direct PWM Drive Brushless Motor Predriver IC
logo
ON Semiconductor
LB11697V ONSEMI-LB11697V Datasheet
179Kb / 14P
Direct PWM Drive Brushless Motor Predriver IC
July, 2013
LV8136V ONSEMI-LV8136V Datasheet
214Kb / 19P
Direct PWM Drive, Quiet Predriver IC
May, 2013
LB11696V ONSEMI-LB11696V_18 Datasheet
573Kb / 20P
Direct PWM Drive Brushless Motor Predriver IC
June, 2018 ??Rev. 2
LB11696V ONSEMI-LB11696V_V01 Datasheet
578Kb / 19P
Direct PWM Drive Brushless Motor Predriver IC
July, 2018 ??Rev. 3
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com