Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SD1143 Datasheet (PDF) - Microsemi Corporation

SD1143 Datasheet PDF - Microsemi Corporation
Part # SD1143
Download  SD1143 Download
File Size   173.02 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE TRANSISTORS

SD1143 Datasheet (PDF)

Go To PDF Page Download Datasheet
SD1143 Datasheet PDF - Microsemi Corporation

Part # SD1143
Download  SD1143 Click to download

File Size   173.02 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RF & MICROWAVE TRANSISTORS

SD1143 Datasheet (HTML) - Microsemi Corporation


SD1143 Product details

DESCRIPTION

The SD1143 is a 12.2 V Class C epitaxial silicon NPN planar

transistor designed primarily for VHF Communications. It withstands

very high VSWR under operating conditions.



KEY FEATURES

 175 MHz

 12.5 Volts

 Common Emitter

POUT = 10 W Min.

GP = 10 dB Gain



APPLICATIONS/BENEFITS

 VHF Mobile Applications




Similar Part No. - SD1143

ManufacturerPart #DatasheetDescription
logo
Advanced Power Technolo...
SD1143 ADPOW-SD1143 Datasheet
117Kb / 4P
RF AND MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
logo
Advanced Semiconductor
SD1143 ASI-SD1143 Datasheet
86Kb / 2P
NPN SILICON RF POWER TRANSISTOR
REV. C
logo
Advanced Power Technolo...
SD1143-01 ADPOW-SD1143-01 Datasheet
106Kb / 3P
RF & MICROWAVE TRANSISTORS VHF MOBILE APPLICATIONS
More results


Similar Description - SD1143

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MS1077 MICROSEMI-MS1077 Datasheet
101Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1403 MICROSEMI-MS1403 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
MS1510 MICROSEMI-MS1510 Datasheet
486Kb / 5P
RF & MICROWAVE TRANSISTORS
MS2176 MICROSEMI-MS2176 Datasheet
187Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1014-02 MICROSEMI-SD1014-02 Datasheet
193Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1144 MICROSEMI-SD1144 Datasheet
176Kb / 4P
RF & MICROWAVE TRANSISTORS
SD1224 MICROSEMI-SD1224 Datasheet
94Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Advanced Power Technolo...
MS652 ADPOW-MS652 Datasheet
329Kb / 4P
RF & MICROWAVE TRANSISTORS
logo
Microsemi Corporation
MMBR5179LT1 MICROSEMI-MMBR5179LT1 Datasheet
327Kb / 1P
RF & MICROWAVE TRANSISTORS
logo
New Jersey Semi-Conduct...
SD1541-01 NJSEMI-SD1541-01 Datasheet
188Kb / 3P
RF & MICROWAVE TRANSISTORS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com