Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG109 Datasheet (PDF) - Microsemi Corporation

SG109 Datasheet PDF - Microsemi Corporation
Part # SG109
Download  SG109 Download
File Size   50.51 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5 -VOLT FIXED VOLTAGE REGULATORS

SG109 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG109 Datasheet PDF - Microsemi Corporation

Part # SG109
Download  SG109 Click to download

File Size   50.51 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 5 -VOLT FIXED VOLTAGE REGULATORS

SG109 Datasheet (HTML) - Microsemi Corporation


SG109 Product details

DESCRIPTION

The SG109/SG309 is a completely self-contained 5V regulator. Designed to provide local regualtion at currents up to 1A for digital logic cards, this device is available in the hermetic TO-3, TO-66, TO-

39 and hermetic and plastic TO-220.



FEATURES

• Fully compatible with TTL and DTL

• Output current in excess of 1A

• Internal thermal overload protection

• No additional external components

• Bandgap reference voltage

• Foldback current limiting




Similar Part No. - SG109

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG109 MICROSEMI-SG109 Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
SG109IG MICROSEMI-SG109IG Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
SG109IG/883B MICROSEMI-SG109IG/883B Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
SG109K MICROSEMI-SG109K Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
SG109K/883B MICROSEMI-SG109K/883B Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
More results


Similar Description - SG109

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LM323 ONSEMI-LM323 Datasheet
126Kb / 8P
3-AMPERE, 5 VOLT POSITIVE VOLTAGE REGULATORS
1996 Rev 0
logo
Zetex Semiconductors
ZMR ZETEX-ZMR Datasheet
193Kb / 10P
FIXED 2.5 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
logo
Seme LAB
IP1R19A SEME-LAB-IP1R19A Datasheet
31Kb / 4P
5 AMP FIXED NEGATIVE VOLTAGE REGULATORS
logo
Fairchild Semiconductor
UA78H05A FAIRCHILD-UA78H05A Datasheet
295Kb / 4P
5-Volt 5-Amp Voltage Regulators
logo
Zetex Semiconductors
ZMR ZETEX-ZMR_07 Datasheet
245Kb / 12P
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
ZMR ZETEX-ZMR_08 Datasheet
252Kb / 12P
Fixed 2.5, 3.3 and 5 volt miniature voltage regulators
logo
Microsemi Corporation
SG109 MICROSEMI-SG109_1 Datasheet
261Kb / 3P
5 -VOLT FIXED VOLTAGE REGULATORS
logo
Diodes Incorporated
ZMR250 DIODES-ZMR250 Datasheet
107Kb / 11P
FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Rev 10
ZMR DIODES-ZMR Datasheet
187Kb / 7P
FIXED 2.5, 3.3 AND 5 VOLT MINIATURE VOLTAGE REGULATORS
Rev 11
logo
DATEL, Inc.
LBR-123 DATEL-LBR-123 Datasheet
384Kb / 3P
5 Volt Positive Fixed Voltage Regulator
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com