Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG1532 Datasheet (PDF) - Microsemi Corporation

SG1532 Datasheet PDF - Microsemi Corporation
Part # SG1532
Download  SG1532 Download
File Size   99.68 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PRECISION GENERAL-PURPOSE REGULATOR

SG1532 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG1532 Datasheet PDF - Microsemi Corporation

Part # SG1532
Download  SG1532 Click to download

File Size   99.68 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PRECISION GENERAL-PURPOSE REGULATOR

SG1532 Datasheet (HTML) - Microsemi Corporation


SG1532 Product details

DESCRIPTION

This monolithic integrated circuit is a versatile, general-purpose voltage regulator designed as a substantially improved replacement for the popular SG723 device. The SG1532 series regulators retain all the versatility of the

SG723 but have the added benefits of operation with input voltages as low as 4.5 volts and as high as 50 volts; a low noise, low voltage reference; temperature compensated, low threshold current limiting; and protective

circuits which include thermal shutdown and independent current limiting of both the reference and output voltages. A separate remote shutdown terminal is included . In the dual-in-line package an open collector output is available for low input-output differential applications.



FEATURES

• Input voltage range of 4.5V to 50V

• 2.5V low noise reference

• Independent shutdown terminal

• Improved line and load regulation

• 80mV current limit sense voltage

• Fully protected including thermal shutdown

• Useful output current to 150mA




Similar Part No. - SG1532

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1532 MICROSEMI-SG1532 Datasheet
311Kb / 5P
PRECISION GENERAL-PURPOSE REGULATOR
SG1532J MICROSEMI-SG1532J Datasheet
311Kb / 5P
PRECISION GENERAL-PURPOSE REGULATOR
SG1532J/883B MICROSEMI-SG1532J/883B Datasheet
311Kb / 5P
PRECISION GENERAL-PURPOSE REGULATOR
SG1532J/DESC MICROSEMI-SG1532J/DESC Datasheet
311Kb / 5P
PRECISION GENERAL-PURPOSE REGULATOR
SG1532L MICROSEMI-SG1532L Datasheet
311Kb / 5P
PRECISION GENERAL-PURPOSE REGULATOR
More results


Similar Description - SG1532

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA7089P TOSHIBA-TA7089P Datasheet
520Kb / 20P
GENERAL PURPOSE VOLTAGE REGULATOR
logo
Hitachi Semiconductor
HA17723 HITACHI-HA17723 Datasheet
91Kb / 17P
Precision Voltage Regulator
logo
Holtek Semiconductor In...
HT7230 HOLTEK-HT7230 Datasheet
358Kb / 10P
General Purpose Regulator
September 9, 1999
logo
Alpha & Omega Semicondu...
AOZ1905 AOSMD-AOZ1905 Datasheet
572Kb / 16P
EZBoost 2A General Purpose Regulator
logo
Microsemi Corporation
SG1532 MICROSEMI-SG1532_1 Datasheet
311Kb / 5P
PRECISION GENERAL-PURPOSE REGULATOR
logo
Alpha & Omega Semicondu...
AOZ1915 AOSMD-AOZ1915 Datasheet
608Kb / 14P
1.5A General Purpose Boost Regulator
logo
List of Unclassifed Man...
WW3JT330R ETC2-WW3JT330R Datasheet
92Kb / 3P
General Purpose and Precision Wirewound Resistor
logo
Intersil Corporation
ISL28177FBZ INTERSIL-ISL28177FBZ Datasheet
1Mb / 15P
40V General Purpose Precision Operational Amplifier
April 5, 2012
logo
Renesas Technology Corp
ISL28177 RENESAS-ISL28177 Datasheet
1Mb / 15P
40V General Purpose Precision Operational Amplifier
logo
Stackpole Electronics, ...
MWW SEI-MWW Datasheet
460Kb / 7P
General Purpose and Precision Wirewound Resistor
11/29/2021
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com