Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG1540 Datasheet (PDF) - Microsemi Corporation

SG1540 Datasheet PDF - Microsemi Corporation
Part # SG1540
Download  SG1540 Download
File Size   78.67 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description OFF-LINE START-UP CONTROLLER

SG1540 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG1540 Datasheet PDF - Microsemi Corporation

Part # SG1540
Download  SG1540 Click to download

File Size   78.67 Kbytes
Page   6 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description OFF-LINE START-UP CONTROLLER

SG1540 Datasheet (HTML) - Microsemi Corporation


SG1540 Product details

DESCRIPTION

The SG1540 is an integrated circuit designed to efficiently provide start-up power from a high-voltage DC bus to a PWM control circuit in a switching power supply. When used on the primary side, it reduces start-up current to less than 1mA and allows any standard PWM control circuit to be used as a primary-side controller. When used to power a controller on the secondary side, it efficiently eliminates the need for a heavy 50/60Hz line transformer with its associated low frequency magnetic fields.



FEATURES

• Useable with primary and secondary side PWM controllers

• Micropower comparator / switch

- Internal 2.5V bandgap reference

- 50mA power switch

• Squarewave oscillator

- 500Hz to 200KHz operation

- 200mA totem pole outputs

• Eliminates bulky, expensive 50/60 Hz transformer

• Minimizes high voltage bleeder current

• Programmable start-up voltage and hysteresis

• Internal and programmable overvoltage crowbar latch

• Available in 8 pin DIP, 10 pin flat pack, and 16 pin widebody SOIC




Similar Part No. - SG1540

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG1543 MICROSEMI-SG1543 Datasheet
118Kb / 6P
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543 MICROSEMI-SG1543 Datasheet
244Kb / 6P
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543J MICROSEMI-SG1543J Datasheet
118Kb / 6P
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543J MICROSEMI-SG1543J Datasheet
244Kb / 6P
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
SG1543J/883B MICROSEMI-SG1543J/883B Datasheet
118Kb / 6P
POWER SUPPLY OUTPUT SUPERVISORY CIRCUIT
More results


Similar Description - SG1540

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9906DB2 SUTEX-HV9906DB2 Datasheet
287Kb / 4P
Off-Line Current Source Controller
HV9906DB4 SUTEX-HV9906DB4 Datasheet
218Kb / 3P
Off-Line Current Source Controller
logo
Texas Instruments
UC1841 TI-UC1841 Datasheet
923Kb / 9P
Programmable, Off-Line, PWM Controller
UC1851 TI-UC1851 Datasheet
576Kb / 7P
Programmable, Off-Line, PWM Controller
UCC1888 TI-UCC1888 Datasheet
299Kb / 6P
Off-line Power Supply Controller
UCC1889 TI-UCC1889 Datasheet
454Kb / 7P
Off-line Power Supply Controller
UCC1889 TI1-UCC1889_13 Datasheet
1Mb / 14P
Off-line Power Supply Controller
SLUS208 TI1-SLUS208 Datasheet
942Kb / 11P
Programmable, Off-Line, PWM Controller
SLUS226 TI1-SLUS226 Datasheet
772Kb / 11P
Programmable, Off-Line, PWM Controller
UCC2888 TI1-UCC2888 Datasheet
350Kb / 9P
OFF-LINE POWER SUPPLY CONTROLLER
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com