Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SM5160CM Datasheet (PDF) - Nippon Precision Circuits Inc

SM5160CM Datasheet PDF - Nippon Precision Circuits Inc
Part # SM5160CM
Download  SM5160CM Download
File Size   65.61 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Programable PLL Frequency Synthesizer

SM5160CM Datasheet (PDF)

Go To PDF Page Download Datasheet
SM5160CM Datasheet PDF - Nippon Precision Circuits Inc

Part # SM5160CM
Download  SM5160CM Click to download

File Size   65.61 Kbytes
Page   7 Pages
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc
Description Programable PLL Frequency Synthesizer

SM5160CM Datasheet (HTML) - Nippon Precision Circuits Inc


SM5160CM Product details

OVERVIEW
The SM5160CM/DM is a PLL frequency synthesizer IC with programmable input and reference frequency dividers.
The SM5160CM/DM features an unlock detector, outputs for use with active passive lowpass filters and direct frequency divider outputs.
The SM5160CM/DM operates from 0.95 to 2.00 V and 2.0 to 3.3 V supplies and is available in 16-pin SSOPs

FEATURES
• Up to 95 MHz input frequency (FIN, VDD= 0.98V)
• Up to 90 MHz input frequency (FIN, VDD= 0.95V)
• Up to 13.0 MHz reference frequency (XIN)
• 1056 to 65535 programmable input frequency divider ratio
• 20 to 65532 programmable reference frequency divider ratio (SM5160CM)
• 20 to 8188 programmable reference frequency divider ratio (SM5160DM)
• Unlock detector
• Outputs for use with active and passive lowpass filters
• Direct outputs from frequency dividers
• 0.95 to 2.0 V and 2.0 to 3.3 V supplies
• Molybdenum- gate CMOS process
• 16-pin SSOP




Similar Part No. - SM5160CM

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SM516 DIOTEC-SM516 Datasheet
164Kb / 2P
Surface Mount Si-Rectifiers
logo
Semikron International
SM516 SEMIKRON-SM516 Datasheet
106Kb / 2P
Standard silicon rectifier diodes
SM516 SEMIKRON-SM516 Datasheet
109Kb / 2P
Standard silicon rectifier diodes
logo
Galaxy Semi-Conductor H...
SM516 BILIN-SM516 Datasheet
205Kb / 2P
SURFACE MOUNT RECTIFIER
logo
Shenzhen Luguang Electr...
SM516 LUGUANG-SM516 Datasheet
372Kb / 2P
Surface Mount Rectifiers
More results


Similar Description - SM5160CM

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB2304R INFINEON-PMB2304R Datasheet
1Mb / 33P
PLL-FREQUENCY SYNTHESIZER
Version 2.1 June 2002
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
PLL Frequency Synthesizer
4/06-Revision 0
logo
Sanyo Semicon Device
LC72131K SANYO-LC72131K Datasheet
206Kb / 22P
PLL Frequency Synthesizer
logo
Analog Devices
ADF4107BCPZ AD-ADF4107BCPZ Datasheet
470Kb / 20P
PLL Frequency Synthesizer
Rev. D
ADF4108S AD-ADF4108S Datasheet
791Kb / 21P
PLL Frequency Synthesizer
REV. A
EVAL-ADF4108EBZ1 AD-EVAL-ADF4108EBZ1 Datasheet
404Kb / 20P
PLL Frequency Synthesizer
REV. B
ADF4106 AD-ADF4106_15 Datasheet
361Kb / 24P
PLL Frequency Synthesizer
Rev. E
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
PLL Frequency Synthesizer
REV. D
logo
LANSDALE Semiconductor ...
ML145106 LANSDALE-ML145106_08 Datasheet
151Kb / 8P
PLL Frequency Synthesizer
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com