Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ESD7481 Datasheet (PDF) - ON Semiconductor

ESD7481 Datasheet PDF - ON Semiconductor
Part # ESD7481
Download  ESD7481 Download
File Size   69.95 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection Diodes

ESD7481 Datasheet (PDF)

Go To PDF Page Download Datasheet
ESD7481 Datasheet PDF - ON Semiconductor

Part # ESD7481
Download  ESD7481 Click to download

File Size   69.95 Kbytes
Page   5 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description ESD Protection Diodes

ESD7481 Datasheet (HTML) - ON Semiconductor


ESD7481 Product details

ESD Protection Diodes Micro−Packaged Diodes for ESD Protection

The ESD7481 is designed to protect voltage sensitive components that require ultra−low capacitance from ESD and transient voltage events. Excellent clamping capability, low capacitance, low leakage, and fast response time, make these parts ideal for ESD protection on designs where board space is at a premium. Because of its low capacitance, the part is well suited for use in high frequency designs such as USB 2.0 high speed and antenna line applications.

Features
• Ultra−Low Capacitance 0.25 pF
• Low Clamping Voltage
• Small Body Outline Dimensions: 0.60 mm x 0.30 mm
• Low Body Height: 0.3 mm
• Stand−off Voltage: 3.3 V
• Low Leakage
• Insertion Loss: 0.030 dBm
• Response Time is < 1 ns
• Low Dynamic Resistance < 1
• IEC61000−4−2 Level 4 ESD Protection
• SZ Prefix for Automotive and Other Applications Requiring Unique Site and Control Change Requirements; AEC−Q101 Qualified and PPAP Capable
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS Compliant

Typical Applications
• RF Signal ESD Protection
• RF Switching, PA, and Antenna ESD Protection
• Near Field Communications




Similar Part No. - ESD7481

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ESD7481 ONSEMI-ESD7481 Datasheet
75Kb / 5P
ESD Protection Diodes
March, 2016 ??Rev. 8
ESD7481MUT5G ONSEMI-ESD7481MUT5G Datasheet
116Kb / 5P
Transient Voltage Suppressors Micro.Packaged Diodes for ESD Protection
September, 2012 ??Rev. 2
ESD7481MUT5G ONSEMI-ESD7481MUT5G Datasheet
75Kb / 5P
ESD Protection Diodes
March, 2016 ??Rev. 8
ESD7481 ONSEMI-ESD7481_16 Datasheet
75Kb / 5P
ESD Protection Diodes
March, 2016 ??Rev. 8
More results


Similar Description - ESD7481

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJSD05MLTM PANJIT-PJSD05MLTM Datasheet
80Kb / 3P
ESD PROTECTION DIODES
logo
ON Semiconductor
ESD7205 ONSEMI-ESD7205 Datasheet
136Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. P2
ESD8011 ONSEMI-ESD8011 Datasheet
270Kb / 8P
ESD Protection Diodes
September, 2015 ??Rev. 3
ESD8101 ONSEMI-ESD8101 Datasheet
153Kb / 8P
ESD Protection Diodes
August, 2015 ??Rev. 1
ESD1L001 ONSEMI-ESD1L001 Datasheet
457Kb / 6P
ESD Protection Diodes
May, 2017 ??Rev. 0
ESD8351 ONSEMI-ESD8351_16 Datasheet
286Kb / 9P
ESD Protection Diodes
May, 2016 ??Rev. 8
ESD7551 ONSEMI-ESD7551 Datasheet
71Kb / 5P
ESD Protection Diodes
November, 2016 ??Rev. 0
ESD5381 ONSEMI-ESD5381_16 Datasheet
93Kb / 5P
ESD Protection Diodes
May, 2016 ??Rev. 6
ESD7321 ONSEMI-ESD7321_16 Datasheet
130Kb / 5P
ESD Protection Diodes
May, 2016 ??Rev. 2
logo
Diodes Incorporated
D2V8F4U8MR DIODES-D2V8F4U8MR Datasheet
412Kb / 5P
ESD PROTECTION DIODES
Rev. 2 - 2 August 2022
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com