Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG3546 Datasheet (PDF) - Microsemi Corporation

SG3546 Datasheet PDF - Microsemi Corporation
Part # SG3546
Download  SG3546 Download
File Size   156.08 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3.3 V UNDERVOLTAGE SENSING CIRCUIT

SG3546 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG3546 Datasheet PDF - Microsemi Corporation

Part # SG3546
Download  SG3546 Click to download

File Size   156.08 Kbytes
Page   7 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description 3.3 V UNDERVOLTAGE SENSING CIRCUIT

SG3546 Datasheet (HTML) - Microsemi Corporation


SG3546 Product details

DESCRIPTION
The SG3546 is an undervoltage sensing circuit specifically designed for use as a reset controller in 3.3V microprocessorbased applications. Its micropower operation makes this device ideal for portable applications where extended battery life is required. The device offers a 1.2V temperature compensated bandgap reference, a precision comparator with hysteresis and a high-current open collector output. This device operates from 1 to 10V input supply and drains <10µA in the nonfault condition. The SG3546 is available in an 8-pin 150mil SOIC package or a 3-pin TO-92 package and is rated for an ambient temperature of 0°C to 70°C.

KEY FEATURES   
■ LOW STANDBY CURRENT
■ INTERNAL VOLTAGE
    THRESHOLD AT 2.95V
■ TEMPERATURE
    COMPENSATED BANDGAP
    REFERENCE
■ PRECISION COMPARATOR
    WITH 40MV OF HYSTERESIS
■ CLAMP DIODE FOR
    DISCHARGING DELAY
    CAPACITOR
■ OUTPUT CURRENT SINK
    CAPABILITY (typ 5mA)
■ 1-10V INPUT SUPPLY RANGE
■ AVAILABLE IN 150MIL, 8-PIN
    SOIC AND 3-PIN TO-92
    PACKAGES
   




Similar Part No. - SG3546

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
SG3546 MICROSEMI-SG3546 Datasheet
319Kb / 7P
3.3V UNDERVOLTAGE SENSING CIRCUIT
SG3546DM MICROSEMI-SG3546DM Datasheet
319Kb / 7P
3.3V UNDERVOLTAGE SENSING CIRCUIT
SG3546LP MICROSEMI-SG3546LP Datasheet
319Kb / 7P
3.3V UNDERVOLTAGE SENSING CIRCUIT
SG3546 MICROSEMI-SG3546_1 Datasheet
319Kb / 7P
3.3V UNDERVOLTAGE SENSING CIRCUIT
More results


Similar Description - SG3546

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC34064 ONSEMI-MC34064 Datasheet
120Kb / 12P
UNDERVOLTAGE SENSING CIRCUIT
February, 2005 ??Rev. 12
logo
Microsemi Corporation
MC33064 MICROSEMI-MC33064 Datasheet
150Kb / 10P
UNDERVOLTAGE SENSING CIRCUIT
MC33164-3 MICROSEMI-MC33164-3 Datasheet
126Kb / 9P
3V UNDERVOLTAGE SENSING CIRCUIT
logo
Motorola, Inc
MC34064 MOTOROLA-MC34064 Datasheet
147Kb / 8P
Undervoltage sensing circuit
logo
Microsemi Corporation
MC33164-3 MICROSEMI-MC33164-3_05 Datasheet
277Kb / 9P
3V UNDERVOLTAGE SENSING CIRCUIT
MC33064 MICROSEMI-MC33064_04 Datasheet
328Kb / 10P
UNDERVOLTAGE SENSING CIRCUIT
logo
ON Semiconductor
MC34064D-5G ONSEMI-MC34064D-5G Datasheet
167Kb / 11P
Undervoltage Sensing Circuit
August, 2008 ??Rev. 18
logo
List of Unclassifed Man...
MC341643DM ETC2-MC341643DM Datasheet
278Kb / 9P
3V UNDERVOLTAGE SENSING CIRCUIT
logo
Texas Instruments
LM8365 TI1-LM8365 Datasheet
1Mb / 22P
Micropower Undervoltage-Sensing Circuit
logo
ON Semiconductor
MC34064 ONSEMI-MC34064_16 Datasheet
126Kb / 11P
Undervoltage Sensing Circuit
October, 2016 ??Rev. 19
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com