Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SG5768 Datasheet (PDF) - Microsemi Corporation

SG5768 Datasheet PDF - Microsemi Corporation
Part # SG5768
Download  SG5768 Download
File Size   64.6 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DIODE ARRAY CIRCUITS

SG5768 Datasheet (PDF)

Go To PDF Page Download Datasheet
SG5768 Datasheet PDF - Microsemi Corporation

Part # SG5768
Download  SG5768 Click to download

File Size   64.6 Kbytes
Page   5 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description DIODE ARRAY CIRCUITS

SG5768 Datasheet (HTML) - Microsemi Corporation


SG5768 Product details

DESCRIPTION
The Linfinity series of diode arrays feature high breakdown, high speed diodes in a variety of configurations.
Each array configuration consists of either common anode diodes, common cathode diodes, or a combination of common anode and common cathode diodes.
Individual diodes within the array have 60V minimum breakdown voltage, can handle 500mA of current and typically switch in less than 10 nanoseconds.
Each of the array configurations is available in ceramic DIP or ceramic flatpack and can be processed to JANTXV, JANTX, or JAN flows at Linfinity’s MIL-S-19500 facility.

FEATURES
• 60V minimum breakdown voltage
• 500mA current capability per diode
• Fast switching speeds: typically less than 10ns
• Low leakage current




Similar Part No. - SG5768

ManufacturerPart #DatasheetDescription
logo
AMETHERM Circuit Protec...
SG57 AMETHERM-SG57 Datasheet
360Kb / 1P
SURGE-GARD INRUSH CURRENT LIMITER
logo
Tiger Electronic Co.,Lt...
SG5701 TGS-SG5701 Datasheet
679Kb / 13P
Low Cost Green-Mode PWM Controller for Flyback Converters
SG5701DP TGS-SG5701DP Datasheet
679Kb / 13P
Low Cost Green-Mode PWM Controller for Flyback Converters
SG5701DZ TGS-SG5701DZ Datasheet
679Kb / 13P
Low Cost Green-Mode PWM Controller for Flyback Converters
SG5701TZ TGS-SG5701TZ Datasheet
679Kb / 13P
Low Cost Green-Mode PWM Controller for Flyback Converters
More results


Similar Description - SG5768

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1 Datasheet
51Kb / 5P
DIODE ARRAY
Mar-1998
logo
Intersil Corporation
CA3039 INTERSIL-CA3039 Datasheet
27Kb / 4P
Diode Array
November 1996
logo
Microsemi Corporation
SG6100 MICROSEMI-SG6100 Datasheet
34Kb / 3P
DIODE ARRAY CIRCUITS
logo
STMicroelectronics
DA108S1 STMICROELECTRONICS-DA108S1_07 Datasheet
118Kb / 8P
Diode Array
15-Feb-2007
logo
Sensitron
SCP-4644 SENSITRON-SCP-4644 Datasheet
36Kb / 2P
Diode Array
logo
Solid States Devices, I...
RS0217 SSDI-RS0217 Datasheet
170Kb / 2P
DIODE ARRAY
logo
Sensitron
SDA1001SS SENSITRON-SDA1001SS Datasheet
122Kb / 2P
DIODE ARRAY
SDA1002SS SENSITRON-SDA1002SS Datasheet
214Kb / 2P
DIODE ARRAY
SDA1003SS SENSITRON-SDA1003SS Datasheet
214Kb / 2P
DIODE ARRAY
logo
New Jersey Semi-Conduct...
1N6101 NJSEMI-1N6101 Datasheet
82Kb / 1P
Diode Array
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com