Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TSC372 Datasheet (PDF) - Microsemi Corporation

TSC372 Datasheet PDF - Microsemi Corporation
Part # TSC372
Download  TSC372 Download
File Size   789.7 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Counters

TSC372 Datasheet (PDF)

Go To PDF Page Download Datasheet
TSC372 Datasheet PDF - Microsemi Corporation

Part # TSC372
Download  TSC372 Click to download

File Size   789.7 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description Counters

TSC372 Datasheet (HTML) - Microsemi Corporation


TSC372 Product details

General Description
The 371 is a master-slave decade counter that generates BCE outputs. It also provides two clock inputs to facilitate input enable control, direct set and reset inputs, and a ninth count (carry output) so 371 cascades can generate counts of 100, 1000, and so forth. Its outputs are ideal as inputs to the 380, 381, or 382 BCD decimal decoders.

Features
● DIRECT PRESET OR RESET TO ZERO
● TWO CLOCK LINES FACILITATE INPUT ENABLE
● NINTH COUNT (371) AND 15TH COUNT (372) OUTPUTS FOR CASCADING
● 1 MHz TYPICAL TOGGLE RATE




Similar Part No. - TSC372

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC370 MICROSEMI-TSC370 Datasheet
828Kb / 2P
Flip-Flop
TSC373 MICROSEMI-TSC373 Datasheet
1Mb / 4P
Up-Down Counters
TSC374 MICROSEMI-TSC374 Datasheet
1Mb / 4P
Up-Down Counters
TSC375 MICROSEMI-TSC375 Datasheet
676Kb / 4P
Shift Register
More results


Similar Description - TSC372

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HC161 SLS-SL74HC161 Datasheet
85Kb / 9P
Presettable Counters
logo
ON Semiconductor
MC74HC163 ONSEMI-MC74HC163 Datasheet
144Kb / 16P
Presettable Counters
June, 2001 ??Rev. 9
logo
Integral Corp.
IN74HC163A INTEGRAL-IN74HC163A Datasheet
190Kb / 9P
PRESETTABLE COUNTERS
logo
List of Unclassifed Man...
HCF4017B-HCF4022B ETC1-HCF4017B-HCF4022B Datasheet
278Kb / 12P
COUNTERS/DIVIDERS
logo
Motorola, Inc
SN74LS160A MOTOROLA-SN74LS160A Datasheet
83Kb / 6P
BCD DECADE COUNTERS/ 4-BIT BINARY COUNTERS
logo
Keysight Technologies
53131A KEYSIGHT-53131A Datasheet
2Mb / 19P
Counters
53132A KEYSIGHT-53132A Datasheet
2Mb / 19P
Counters
53181A KEYSIGHT-53181A Datasheet
2Mb / 19P
Counters
logo
ON Semiconductor
MC74HC161A ONSEMI-MC74HC161A_13 Datasheet
167Kb / 15P
Presettable Counters
May, 2013 ??Rev. 13
logo
B&K Precision Corporati...
1823A BK-1823A Datasheet
950Kb / 1P
Frequency Counters
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com