Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UES705 Datasheet (PDF) - Microsemi Corporation

UES705 Datasheet PDF - Microsemi Corporation
Part # UES705
Download  UES705 Download
File Size   127.88 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS

UES705 Datasheet (PDF)

Go To PDF Page Download Datasheet
UES705 Datasheet PDF - Microsemi Corporation

Part # UES705
Download  UES705 Click to download

File Size   127.88 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description RECTIFIERS

UES705 Datasheet (HTML) - Microsemi Corporation


UES705 Product details

DESCRIPTION
The UES704 series of ultrafast high-efficiency rectifiers is specifically designed for operation in power switching circuits operating at frequencies of 20 kHz or higher. The low thermal resistance and forward voltage drop of this series allows the user to replace DO-5 size devices in many applications. These devices have also been demonstrated capability in passing power-stress testing to 25 thousand cycles with full-rated forward current turned on and off without a heat sink. This forces case temperature increases of 75°C at which time the current is removed to simulate worst case applications. The switching times increase relatively little with temperature or at different currents.

FEATURES
• Very Low Forward Voltage
• Very Fast Recovery Times
• Low Thermal Resistance
• High Reliability Screening Option with HR2 Suffix (ie. UES704HR2)
• Mechanically rugged
• Standard Polarity is Cathode to Stud. For Reverse Polarity, Add Suffix R (ie. UES704R)

APPLICATIONS / BENEFITS
• Power Switching Circuits 20 kHz and above with minimal parasitic switching losses
• Catch Diodes for Switching Regulators
• Output Rectifiers for High Frequency Square-Wave Inverters
• Extremely Robust in Power Cycling
• High Surge Capability
• Hermetically Sealed
• Marking: Part Number and Logo




Similar Part No. - UES705

ManufacturerPart #DatasheetDescription
logo
Digitron Semiconductors
UES705 DIGITRON-UES705 Datasheet
930Kb / 3P
HIGH EFFICIENCY RECTIFIERS
logo
Microsemi Corporation
UES705 MICROSEMI-UES705 Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES705 MICROSEMI-UES705 Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES705HR2 MICROSEMI-UES705HR2 Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
UES705HR2 MICROSEMI-UES705HR2 Datasheet
136Kb / 3P
ULTRAFAST RECTIFIERS, High Efficiency, 20A
More results


Similar Description - UES705

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4001ID PHILIPS-1N4001ID Datasheet
31Kb / 5P
Rectifiers
1996 Jun 10
logo
Microsemi Corporation
UES1501 MICROSEMI-UES1501 Datasheet
107Kb / 3P
RECTIFIERS
UES3005S MICROSEMI-UES3005S Datasheet
91Kb / 2P
RECTIFIERS
UES4505C MICROSEMI-UES4505C Datasheet
90Kb / 2P
RECTIFIERS
UES4505S MICROSEMI-UES4505S Datasheet
86Kb / 2P
RECTIFIERS
UT236 MICROSEMI-UT236 Datasheet
136Kb / 3P
RECTIFIERS
UTR10 MICROSEMI-UTR10 Datasheet
145Kb / 3P
RECTIFIERS
JAN1N5418 MICROSEMI-JAN1N5418 Datasheet
87Kb / 2P
RECTIFIERS
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
Rectifiers
UT234 NJSEMI-UT234 Datasheet
103Kb / 2P
RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com