Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM2106 Datasheet (PDF) - Microsemi Corporation

UM2106 Datasheet PDF - Microsemi Corporation
Part # UM2106
Download  UM2106 Download
File Size   113.95 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE

UM2106 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM2106 Datasheet PDF - Microsemi Corporation

Part # UM2106
Download  UM2106 Click to download

File Size   113.95 Kbytes
Page   3 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE

UM2106 Datasheet (HTML) - Microsemi Corporation


UM2106 Product details

DESCRIPTION

UM2100 Series PIN diodes are designed for transmit/receive switch and attenuator applications in HF band (2-30MHz) and below. As series configured switches, these long lifetime (25μs typical) diodes can control up to 2.5 kW, CW in a 50 ohm system. In HF band, insertion loss is less than 0.25dB and isolation is greater than 32dB (off-state).



KEY FEATURES

HF band (2-30 MHz) PIN

Long Lifetime (25μs typical)

High Power ( 1kW, CW)

High Isolation (32dB)

Low Loss (0.25dB)

Very Low Distortion (IP3=60dBm)

Voltage ratings to 1000 V

RoHS compliant packaging Available1 (use UMX2101B, etc.)



APPLICATIONS/BENEFITS

Isolated stud package available

Surface mount package available

Soldering temperature: 260℃ for 10 seconds maximum




Similar Part No. - UM2106

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2106 MICROSEMI-UM2106 Datasheet
299Kb / 6P
ATTENUATOR AND POWER PIN DIODES 2 ??30 MHz
logo
Microchip Technology
UM2106B MICROCHIP-UM2106B Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
UM2106D MICROCHIP-UM2106D Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results


Similar Description - UM2106

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
PIN DIODE
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
PIN DIODE
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
Pin Diode
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
Pin Diode
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
Rohm
RN141S ROHM-RN141S Datasheet
325Kb / 3P
PIN diode
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com