Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM6006 Datasheet (PDF) - Microsemi Corporation

UM6006 Datasheet PDF - Microsemi Corporation
Part # UM6006
Download  UM6006 Download
File Size   221.09 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE

UM6006 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM6006 Datasheet PDF - Microsemi Corporation

Part # UM6006
Download  UM6006 Click to download

File Size   221.09 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE

UM6006 Datasheet (HTML) - Microsemi Corporation


UM6006 Product details

DESCRIPTION

These series of PIN diodes are designed for applications requiring small package size and moderate average power handling capability. The low capacitance of the UM6000 and UM6600 allows them to be used as series switching elements to 1 GHz. The low resistance of the UM6200 is useful in applications where forward bias current must be minimized.



Voltage ratings to 1000V

Average power dissipation to 6 W

Series resistance as low as 0.4 Ω

Carrier lifetime greater than 1.0 µs

Non cavity design

Thermally matched configuration

Low capacitance at 0 V bias

Low conductance at 0 V bias

Compatible with automatic insertion equipment



 




Similar Part No. - UM6006

ManufacturerPart #DatasheetDescription
logo
ShenZhen XinDeYi Electr...
UM6006 XINDEYI-UM6006 Datasheet
735Kb / 4P
N-Ch 60V Fast Switching MOSFETs
logo
SHENZHEN DOINGTER SEMIC...
UM6006 DOINGTER-UM6006 Datasheet
1Mb / 5P
N-Channel MOSFET uses advanced trench technology
logo
Microchip Technology
UM6006 MICROCHIP-UM6006 Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
UM6006A MICROCHIP-UM6006A Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
UM6006B MICROCHIP-UM6006B Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results


Similar Description - UM6006

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
PIN DIODE
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
Pin Diode
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
Pin Diode
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
Rohm
RN141S ROHM-RN141S Datasheet
325Kb / 3P
PIN diode
RN242CS ROHM-RN242CS Datasheet
454Kb / 3P
PIN diode
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com