Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM9402 Datasheet (PDF) - Microsemi Corporation

UM9402 Datasheet PDF - Microsemi Corporation
Part # UM9402
Download  UM9402 Download
File Size   200.75 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE

UM9402 Datasheet (PDF)

Go To PDF Page Download Datasheet
UM9402 Datasheet PDF - Microsemi Corporation

Part # UM9402
Download  UM9402 Click to download

File Size   200.75 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description PIN DIODE

UM9402 Datasheet (HTML) - Microsemi Corporation


UM9402 Product details

DESCRIPTION
Microsemi offers a series of PIN diodes specifically designed and characterized for solid state antenna switches in commercial two-way radios. Antenna switches using the UM9401 and UM9415 series PIN diodes provide high isolation, low loss and low distortion characteristics formerly possible only with electromechanical relay type switches.
The UM9401 and the UM9402 diodes can handle 100 W of transmitter power, while the UM9415 will handle over 1000 W. The extensive characterization of these PIN diodes in antenna switch applications has resulted in guaranteed low distortion specifications under transmit and receive conditions. These diodes also feature low forward bias resistance and high zero bias impedance which are required for low loss, high isolation and wide bandwidth antenna switch performance. For RoHS compliant devices, use the UMX prefix. (IE: UMX9415)

KEY FEATURES
▪ High transmitter power
   UM9401/UM9402 => 100 W
   UM9415 => 1000 W
▪ Low harmonic distortion
▪ Low third order distortion
▪ High carrier lifetime
▪ Non cavity design
▪ Thermally matched configuration
▪ Low capacitance at 0 V bias
▪ Low conductance at 0 V bias
▪ Compatible with automatic insertion equipment
▪ RoHS complaint versions available. 1
▪ Lead finish
   UM9401: Pb/Sn
   UM9402: Gold
   UM9415: Pb/Sn
   UMX9401,UMX9415: Matte Tin

APPLICATIONS/BENEFITS
▪ Isolated stud package available
▪ Surface mount package available
▪ Maximum soldering temperature
   260 °C for 30 seconds.




Similar Part No. - UM9402

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM9402 MICROSEMI-UM9402 Datasheet
424Kb / 11P
COMMERCIAL TWO-WAY RADIO
UM9402 MICROSEMI-UM9402 Datasheet
401Kb / 7P
COMMERCIAL TWO WAY RADIO ANTENNA SWITCH DIODES
logo
New Jersey Semi-Conduct...
UM9402 NJSEMI-UM9402 Datasheet
146Kb / 4P
PIN DIODE
logo
Microchip Technology
UM9402 MICROCHIP-UM9402 Datasheet
2Mb / 221P
Product Change Notification
03-Jul-2020
More results


Similar Description - UM9402

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
PIN DIODE
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
PIN DIODE
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
Pin Diode
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
Pin Diode
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
PIN diode
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
PIN DIODE
logo
Rohm
RN141S ROHM-RN141S Datasheet
325Kb / 3P
PIN diode
logo
AUK corp
SDP510WMU AUK-SDP510WMU_1 Datasheet
47Kb / 3P
Pin Diode
logo
Rohm
RN141STE61 ROHM-RN141STE61 Datasheet
400Kb / 3P
PIN diode
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com