Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPR5 Datasheet (PDF) - Microsemi Corporation

UPR5 Datasheet PDF - Microsemi Corporation
Part # UPR5
Download  UPR5 Download
File Size   298.28 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT UES RECTIFIERS

UPR5 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPR5 Datasheet PDF - Microsemi Corporation

Part # UPR5
Download  UPR5 Click to download

File Size   298.28 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SURFACE MOUNT UES RECTIFIERS

UPR5 Datasheet (HTML) - Microsemi Corporation


UPR5 Product details

DESCRIPTION
The Microsemi UPR5, UPR10, and UPR153 Powermite® high efficiency rectifiers offer optimized forward voltage characteristics with reverse blocking capabilities up to 150 Volts. They are ideal for surface mount applications that operate at high frequencies.
In addition to its size advantages, Powermite® package features include a full metallic bottom that eliminates possibility of solder flux entrapment during assembly and a unique locking tab acts as an efficient heat path from die to mounting plane for external heat sinking with very low thermal resistance junction to case (bottom). Its innovative design makes this device ideal for use with automatic insertion equipment.

KEY FEATURES
■ Low thermal resistance DO-216 package for
   higher current operation
■ Utrasfast recovery time of 25 ns
■ RoHS Compliant with e3 suffix part number
■ Efficient heat path with Integral locking
   bottom metal tab
■ Low forward voltage
■ Full metallic bottom eliminates flux
   entrapment
■ Compatible with automatic insertion
■ Low profile-maximum height of 1mm
■ Options for screening in accordance with
   MIL-PRF-19500 for JAN, JANTX, and
   JANTXV are available by adding MQ, MX, or
   MV prefixes respectively to part numbers.
   For example, designate MXUPR5e3 for a
   JANTX (consult factory for Tin-Lead plating).
■ Optional 100% avionics screening available
   by adding MA prefix for 100% temperature
   cycle, thermal impedance and 24 hours
   HTRB (consult factory for Tin-Lead plating)

APPLICATIONS/BENEFITS
■ Switching and Regulating Power Supplies.
■ Charge Pump Circuits
■ Reduces reverse recovery loss with low IRM
■ Small 8.45 mm2 foot print
   (See mounting pad details next page)




Similar Part No. - UPR5

ManufacturerPart #DatasheetDescription
logo
Token Electronics Indus...
UPR TOKEN-UPR Datasheet
441Kb / 6P
Ultra Precision Resistor Networks
logo
Pepperl+Fuchs Inc.
UPR-03 PF-UPR-03 Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-M PF-UPR-03-M Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-03-S PF-UPR-03-S Datasheet
4Mb / 10P
Universal Power Rail
2021-04-08
UPR-COVER PF-UPR-COVER Datasheet
366Kb / 2P
Cover for DIN Mounting Rail
2021-04-08
More results


Similar Description - UPR5

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPR20 MICROSEMI-UPR20 Datasheet
316Kb / 2P
SURFACE MOUNT UES RECTIFIERS
UPR802 MICROSEMI-UPR802 Datasheet
201Kb / 4P
Surface Mount UES Rectifiers
logo
SynSemi, Inc.
S3A SYNSEMI-S3A Datasheet
31Kb / 2P
SURFACE MOUNT RECTIFIERS
SN2A SYNSEMI-SN2A Datasheet
38Kb / 2P
SURFACE MOUNT RECTIFIERS
logo
SAMYANG ELECTRONICS CO....
ES1A SAMYANG-ES1A_V01 Datasheet
517Kb / 2P
SURFACE MOUNT RECTIFIERS
ES2A SAMYANG-ES2A_V02 Datasheet
522Kb / 2P
SURFACE MOUNT RECTIFIERS
ES3HB SAMYANG-ES3HB Datasheet
512Kb / 2P
SURFACE MOUNT RECTIFIERS
UF2AA SAMYANG-UF2AA Datasheet
456Kb / 2P
SURFACE MOUNT RECTIFIERS
UF3A SAMYANG-UF3A Datasheet
462Kb / 2P
SURFACE MOUNT RECTIFIERS
RS2AA SAMYANG-RS2AA_V01 Datasheet
412Kb / 2P
SURFACE MOUNT RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com