Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPS540 Datasheet (PDF) - Microsemi Corporation

UPS540 Datasheet PDF - Microsemi Corporation
Part # UPS540
Download  UPS540 Download
File Size   180.79 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 40 VOLT

UPS540 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPS540 Datasheet PDF - Microsemi Corporation

Part # UPS540
Download  UPS540 Click to download

File Size   180.79 Kbytes
Page   4 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 40 VOLT

UPS540 Datasheet (HTML) - Microsemi Corporation


UPS540 Product details

DESCRIPTION
In Microsemi’s new Powermite SMT Package, these high efficiency Schottky rectifiers offer power handling capabilities previously found only in much larger packages. They are ideal for SMD applications that operate at high frequencies.
In addition to its size advantages, Powermite package features include a full metallic bottom that eliminates the possibility of solder flux entrapment during assembly, and a unique locking tab acts as an integral heat sink. Its innovative design makes this device ideal for use with automatic insertion equipment.

KEY FEATURES
◾ Low Profile – Maximum height of 1.1 mm
◾ Footprint Area of 10 mm
◾ Low VF Provides Higher Efficiency
◾ Low Thermal Resistance with Direct Thermal Path of Die on Exposed Cathode Heat Sink
◾ Supplied in 8mm Tape and Reel – 3,000 units/7” Reel; 12,000 units/13” Reel

APPLICATIONS/BENEFITS
◾ High power Surface Mount Package
◾ Guard Ring Protection
◾ Low forward voltage
◾ Integral Heat Sink/Locking Tabs
◾ Compatible with Automatic Insertion Equipment
◾ Full Metallic Bottom Eliminates Flux Entrapment




Similar Part No. - UPS540

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
UPS540E3 MICROSEMI-UPS540E3 Datasheet
282Kb / 6P
5 A Schottky Barrier Rectifier
More results


Similar Description - UPS540

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
FST4050 MICROSEMI-FST4050 Datasheet
133Kb / 2P
40 AMP SCHOTTKY BARRIER RECTIFIER
UPS530 MICROSEMI-UPS530 Datasheet
180Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 30 VOLT
UPS520 MICROSEMI-UPS520 Datasheet
197Kb / 4P
SCHOTTKY BARRIER RECTIFIER 0.5 AMP, 20 VOLT
logo
TRANSYS Electronics Lim...
SB039C040-0.5-W-AG TEL-SB039C040-0.5-W-AG Datasheet
155Kb / 1P
Schottky cr Barrier Diode Wafer 39 Mils, 40 Volt, 0.5 Amp, 0.36VF.
logo
Micro Commercial Compon...
RB400D MCC-RB400D_06 Datasheet
864Kb / 3P
0.5 Amp Schottky Barrier Rectifier 40 Volts
RB400DS MCC-RB400DS Datasheet
167Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
B0540W MCC-B0540W Datasheet
321Kb / 2P
0.5 Amp Schottky Rectifier 40 Volts
B0540WS MCC-B0540WS Datasheet
400Kb / 4P
0.5 Amp Schottky Rectifier 40 Volts
RB400DS MCC-RB400DS_13 Datasheet
164Kb / 2P
0.5 Amp Schottky Barrier Rectifier 40 Volts
logo
Central Semiconductor C...
CPD94X-CMLSH05-4 CENTRAL-CPD94X-CMLSH05-4 Datasheet
478Kb / 4P
Schottky Diode Die 0.5 Amp, 40 Volt
R0 19-September 2016
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com