Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

USD520 Datasheet (PDF) - Microsemi Corporation

USD520 Datasheet PDF - Microsemi Corporation
Part # USD520
Download  USD520 Download
File Size   99.7 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POWER SCHOTTKY RECTIFIERS

USD520 Datasheet (PDF)

Go To PDF Page Download Datasheet
USD520 Datasheet PDF - Microsemi Corporation

Part # USD520
Download  USD520 Click to download

File Size   99.7 Kbytes
Page   2 Pages
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation
Description POWER SCHOTTKY RECTIFIERS

USD520 Datasheet (HTML) - Microsemi Corporation


USD520 Product details

DESCRIPTION
This series of Schottky barrier power rectifiers is ideally suited for output rectifiers and catch diodes in low voltage power supplies.

FEATURES
 • Very Low Forward Voltage (0.6V at 60A, 125°C)
 • Low Recovered Charge
 • Rugged Package Design (DO-5)
 • High Efficiency for Low Voltage Supplies
 • Low Thermal Resistance (0.8°C/W) 
 • High Surge Current (1000A)
 • Low Reverse Current (<50mA at rated VR at 125°C)
 • Available with Flexible Top Lead




Similar Part No. - USD520

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
USD520 MICROSEMI-USD520 Datasheet
535Kb / 3P
POWER SCHOTTKY RECTIFIERS
USD520 MICROSEMI-USD520 Datasheet
135Kb / 3P
POWER SCHOTTKY RECTIFIERS
logo
Digitron Semiconductors
USD520 DIGITRON-USD520 Datasheet
132Kb / 2P
SCHOTTKY RECTIFIERS
logo
Microsemi Corporation
USD520HR2 MICROSEMI-USD520HR2 Datasheet
135Kb / 3P
POWER SCHOTTKY RECTIFIERS
USD520 MICROSEMI-USD520_03 Datasheet
135Kb / 3P
POWER SCHOTTKY RECTIFIERS
More results


Similar Description - USD520

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS4045CP STMICROELECTRONICS-STPS4045CP Datasheet
59Kb / 5P
POWER SCHOTTKY RECTIFIERS
Jun-1999
logo
Microsemi Corporation
USD3030S MICROSEMI-USD3030S Datasheet
87Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD4030C MICROSEMI-USD4030C Datasheet
89Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD4030S MICROSEMI-USD4030S Datasheet
86Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD635 MICROSEMI-USD635 Datasheet
87Kb / 2P
POWER SCHOTTKY RECTIFIERS
USD735 MICROSEMI-USD735 Datasheet
84Kb / 2P
POWER SCHOTTKY RECTIFIERS
logo
STMicroelectronics
STPS1100U STMICROELECTRONICS-STPS1100U Datasheet
103Kb / 5P
POWER SCHOTTKY RECTIFIERS
Apr-1997
logo
Microsemi Corporation
USD520 MICROSEMI-USD520_03 Datasheet
135Kb / 3P
POWER SCHOTTKY RECTIFIERS
logo
New Jersey Semi-Conduct...
1N6392 NJSEMI-1N6392 Datasheet
106Kb / 1P
POWER SCHOTTKY RECTIFIERS
USD835 NJSEMI-USD835 Datasheet
94Kb / 1P
POWER SCHOTTKY RECTIFIERS
More results




About Microsemi Corporation


Microsemi Corporation was an American company that specialized in the design and manufacture of semiconductor and system solutions.
The company was founded in 1960 and was headquartered in Aliso Viejo, California.
Microsemi provided a wide range of products including analog and mixed-signal integrated circuits, field-programmable gate arrays (FPGAs), power management and control products, and other semiconductor solutions.
The company's products were used in various applications such as defense and security, aerospace and aviation, industrial, and communications.
Microsemi was known for its expertise in semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
In 2018, Microsemi was acquired by Microchip Technology, a leading provider of microcontroller, mixed-signal, analog, and security products.
The Microsemi brand is no longer in use, but its technology and products continue to be a part of Microchip's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com