Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR24C256 Datasheet (PDF) - Leshan Radio Company

LR24C256 Datasheet PDF - Leshan Radio Company
Part # LR24C256
Download  LR24C256 Download
File Size   607.48 Kbytes
Page   14 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Bi-directional Data Transfer Protocol

LR24C256 Datasheet (PDF)

Go To PDF Page Download Datasheet
LR24C256 Datasheet PDF - Leshan Radio Company

Part # LR24C256
Download  LR24C256 Click to download

File Size   607.48 Kbytes
Page   14 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description Bi-directional Data Transfer Protocol

LR24C256 Datasheet (HTML) - Leshan Radio Company


LR24C256 Product details

„ Description

LR24C128/LR24C256 provides 131,072/262,144 bits ofserial electrically erasable and programmable read-only memory(EEPROM) organized as 16,384/32,768 words of 8 bits each. The device is optimized for usein many industrial and commercial applications where low-power and low-voltage operations are essential. The LR24C128/LR24C256 is available in space-saving8-lead PDIP, 8-lead SOP, and 8-lead TSSOP packages and is accessed via a two-wire serial interface.



Features

• Two-wire Serial Interface

• VCC = 1.8V to 5.5V

• Bi-directional Data Transfer Protocol

• Internally Organized

   LR24C128,  16,384 X8 (128K bits)

   LR24C256,  32,768 X8 (256K bits)

• 400 kHz (1.8V, 2.7V, 5V) Compatibility

• 64-byte Page (128K/256K) Write Modes

• Partial Page Writes Allowed

• Self-timed Write Cycle (5 ms max)

• High-reliability

• 1 Million Write Cycles guaranteed

• Data Retention > 100 Years

• Operating Temperature: -40 to +85

• 8-lead PDIP, 8-lead SOP and 8-lead TSSOP Packages




Similar Part No. - LR24C256

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
Two-Wire Serial EEPROM
LR24C08 LRC-LR24C08 Datasheet
2Mb / 16P
Two-Wire Serial EEPROM
LR24C16 LRC-LR24C16 Datasheet
566Kb / 15P
Two-Wire Serial EEPROM
LR24C32 LRC-LR24C32 Datasheet
538Kb / 13P
Bi-directional Data Transfer Protocol
LR24C64 LRC-LR24C64 Datasheet
1Mb / 15P
Bidirectional Data Transfer Protocol 1 MHz (2.5V), 400 kHz (1.7V) , 100 kHz (1.7V) Compatibility
More results


Similar Description - LR24C256

ManufacturerPart #DatasheetDescription
logo
Elite Semiconductor Mem...
M53D128324A-2E ESMT-M53D128324A-2E Datasheet
735Kb / 47P
Bi-directional data strobe (DQS)
M53D2561616A-2F ESMT-M53D2561616A-2F Datasheet
709Kb / 47P
Bi-directional data strobe (DQS)
M53S64322A-2E ESMT-M53S64322A-2E Datasheet
1Mb / 47P
Bi-directional data strobe (DQS)
M53S128324A-2E ESMT-M53S128324A-2E Datasheet
1Mb / 47P
Bi-directional data strobe (DQS)
logo
Leshan Radio Company
LR24C32 LRC-LR24C32 Datasheet
538Kb / 13P
Bi-directional Data Transfer Protocol
logo
Source Photonics, Inc.
SP-GB-ZX-CDFC SOURCE-SP-GB-ZX-CDFC Datasheet
231Kb / 9P
1.25Gbps bi-directional data links
SPL-34-GB-BX-CDFM SOURCE-SPL-34-GB-BX-CDFM Datasheet
320Kb / 10P
1.25Gbps bi-directional data links
SPL-35-GB-BX-IDFM SOURCE-SPL-35-GB-BX-IDFM Datasheet
291Kb / 10P
1.25Gbps bi-directional data links
logo
Green Power Solutions s...
GOB94018 GPSEMI-GOB94018_17 Datasheet
109Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
GOB95023 GPSEMI-GOB95023 Datasheet
118Kb / 3P
BI-DIRECTIONAL BI-DIRECTIONAL
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com