Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LR1117C Datasheet (PDF) - Leshan Radio Company

LR1117C Datasheet PDF - Leshan Radio Company
Part # LR1117C
Download  LR1117C Download
File Size   1016.93 Kbytes
Page   10 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A Bipolar Linear Regulator

LR1117C Datasheet (PDF)

Go To PDF Page Download Datasheet
LR1117C Datasheet PDF - Leshan Radio Company

Part # LR1117C
Download  LR1117C Click to download

File Size   1016.93 Kbytes
Page   10 Pages
Manufacturer  LRC [Leshan Radio Company]
Direct Link  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Description 1A Bipolar Linear Regulator

LR1117C Datasheet (HTML) - Leshan Radio Company


LR1117C Product details

DESCRIPTION
LR1117C is a series of low dropout three - terminal regulators with a dropout of 1.3V at 1A load current. LR1117C features a very low standby current 2mA compared to 5mA of competitor.
Other than a fixed version, Vout = 1.2V, 1.5V, 1.8V, 2.5V, 3.3V, 5V, and 12V, LR1117C has an adjustable version, which can provide an output voltage from 1.25 to 12V with only two external resistors.

FEATURES
• Other than a fixed version and an adjustable version, output value can be customized on demand.
• Maximum output current is 1A
• Range of operation input voltage: Max 12V
• Standby current: 2mA (typ.)
• Line regulation: 0.1%/V (typ.)
• Load regulation: 10mV (typ.)
• Environment Temperature: -40°C~85°C

APPLICATIONS
• Power Management for Computer Mother Board, Graphic Card
• BLD Monitor and BLD TV
• DVD Decode Board
• ADSL Modem
• Post Regulators for Switching Supplies




Similar Part No. - LR1117C

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LR1117 LRC-LR1117 Datasheet
121Kb / 10P
LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
LR1117A LRC-LR1117A Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
LR1117AD18X LRC-LR1117AD18X Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
LR1117AD25X LRC-LR1117AD25X Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
LR1117AD285 LRC-LR1117AD285 Datasheet
148Kb / 9P
1A Adjustable/Fixed Low Dropout Linear Regulator
More results


Similar Description - LR1117C

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE1117C ACE-ACE1117C Datasheet
554Kb / 11P
1A Bipolar Linear Regulator
VER 1.3
ACE1117H ACE-ACE1117H Datasheet
897Kb / 11P
1A Bipolar Linear Regulator
VER 1.2
ACE1557B ACE-ACE1557B_14 Datasheet
52Kb / 1P
1A Bipolar Linear Regulator
2014/12/23
logo
SHANGHAI BELLING CO., L...
BL1117C BELLING-BL1117C Datasheet
362Kb / 9P
1A Bipolar Linear Regulator
logo
ACE Technology Co., LTD...
ACE1084 ACE-ACE1084_17 Datasheet
1Mb / 13P
1A Bipolar Linear Regulator
VER 1.2
logo
SHANGHAI BELLING CO., L...
BL1117 BELLING-BL1117_16 Datasheet
1Mb / 15P
1A Bipolar Linear Regulator
logo
Leshan Radio Company
LR1117D LRC-LR1117D Datasheet
838Kb / 9P
1A Bipolar Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM7110 HMSEMI-HM7110 Datasheet
515Kb / 8P
1A Bipolar Linear Regulator
logo
SHIKUES Electronics
SK1117 SKTECHNOLGY-SK1117 Datasheet
1,005Kb / 7P
1A Bipolar Linear Regulator
logo
AiT Semiconductor Inc.
A317 AITSEMI-A317 Datasheet
239Kb / 7P
BIPOLAR LINEAR REGULATOR 1A 40V ADJUSTABLE VOLTAGE
REV1.8
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com